Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6504MA/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LMH6504MA/NOPB
Description  LMH6504 Wideband, Low Power, Variable Gain Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6504MA/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMH6504MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 16Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
VIN (MAX) = IR
G
MAX
· RG
AVMAX =
RF
RG
· K
RX
5V
0.1 µF
6.8 µF
OUTPUT
6.8 µF
0.1 µF
I-
-VCC
VG
GND
INPUT
SIGNAL
VIN
RG
VO
+VCC
RF
RO
RIN
RG
100:
50:
50:
50:
-5V
1 k:
X1
CFA
+
-
GAIN
CONTROL
MULT
+
-
+
-
LMH6504
www.ti.com
SNOSA96D – NOVEMBER 2003 – REVISED MARCH 2013
APPLICATION INFORMATION
GENERAL DESCRIPTION
The key features of the LMH6504 are:
•
Low power
•
Broad voltage controlled gain and attenuation range (From AVMAX down to complete cutoff)
•
Bandwidth independent, resistor programmable gain range (RG)
•
Broad signal and gain control bandwidths
•
Frequency response may be adjusted with RF
•
High impedance signal and gain control inputs
Refer to Figure 42 below. The LMH6504 combines a closed loop input buffer (“X1” Block), a voltage controlled
variable gain cell (“MULT” Block) and an output amplifier (“CFA” Block). The input buffer is a transconductance
stage whose gain is set by the gain setting resistor, RG. The output amplifier is a current feedback op amp and is
configured as a transimpedance stage whose gain is set by, and is equal to, the feedback resistor, RF. The
maximum gain, AVMAX, of the LMH6504 is defined by the ratio: K · RF / RG where “K” is the gain multiplier with a
nominal value of 0.965. As the gain control input (VG) changes over its 0 to 2V range, the gain is adjusted over a
range of about 80 dB relative to the maximum set gain.
Figure 42. LMH6504 Typical Application and Block Diagram
SETTING THE LMH6504 MAXIMUM GAIN
(1)
Although the LMH6504 is specified at AVMAX = 9.7V/V, the recommended AVMAX varies between 2 and 100.
Higher gains are possible but usually impractical due to output offsets, noise and distortion. When varying AVMAX
several tradeoffs are made:
RG: determines the input voltage range
RF: determines overall bandwidth
The amount of current which the input buffer can source/sink into RG is limited and is specified in the IRG_MAX
spec. This sets the maximum input voltage:
(2)
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMH6504



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com