Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6504MA/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LMH6504MA/NOPB
Description  LMH6504 Wideband, Low Power, Variable Gain Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6504MA/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMH6504MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 16Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 17Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
A(V/V) = K x
x
RF
RG
1
1 + e
N - VG
VC
LMH6504
SNOSA96D – NOVEMBER 2003 – REVISED MARCH 2013
www.ti.com
As the IRG_MAX limit is approached (with increasing input voltage or with lowering of RG), the device harmonic
distortion will increase. Changes in RF will have a dramatic effect on the small signal bandwidth. The output
amplifier of the LMH6504 is a current feedback amplifier (CFA) and its bandwidth is determined by RF. As with
any CFA, doubling the feedback resistor will roughly cut the bandwidth of the device in half. For more about
CFA’s, see the basic tutorial, OA-20, “Current Feedback Myths Debunked” (SNOA376), or a more rigorous
analysis, OA-13, “Current Feedback Amplifier Loop Gain Analysis and Performance Enhancements” (SNOA366).
OTHER CONFIGURATIONS
1) Single Supply Operation
The LMH6504 can be configured for use in a single supply environment. Doing so requires the following:
a. Bias pin 4 and RG to a “virtual half supply” somewhere close to the middle of V
+ and V-range. The other end
of RG is tied to pin 3. The “virtual half supply” needs to be capable of sinking and sourcing the expected
current flow through RG.
b. Ensure that VG can be adjusted from 0V to 2V above the “virtual half supply”.
c. Bias the input (pin 2) to make sure that it stays within the range of 1.8V above V-to 1.8V below V+ (see “Input
voltage Range” specification in the Electrical Characteristics table). This can be accomplished by either DC
biasing the input and AC coupling the input signal, or alternatively, by direct coupling if the output of the
driving stage is also biased to half supply.
Arranged this way, the LMH6504 will respond to the current flowing through RG. The gain control relationship will
be similar to the split supply arrangement with VG measured referenced to pin 4. Keep in mind that the circuit
described above will also center the output voltage to the “virtual half supply voltage”.
2) Arbitrarily Referenced Input Signal
Having a wide input voltage range on the input (pin 2) (+/-3.2V typical), the LMH6504 can be configured to
control the gain on signals which are not referenced to ground (e.g. Half Supply biased circuits, etc.). We will call
this node the “reference node”. In such cases, the other end of RG (the side not tied to pin 3) can be tied to this
reference node so that RG will “look at” the difference between the signal and this reference only. Keep in mind
that the reference node needs to source and sink the current flowing through RG.
Application Information
GAIN ACCURACY
Gain accuracy is defined as the actual gain compared against the theoretical gain at a certain VG (results
expressed in dB) (See Figure 43).
Theoretical gain is given by:
(3)
Where K = 0.965 (nominal) N = 0.96V & VC = 80mV @ room temperature
For a VG range, the value specified in the tables represents the worst case accuracy over the entire range. The
"Typical" value would be the worst case difference between the "Typical gain" and the "Theoretical gain". The
"Max" value would be the worst case difference between the actual gain and the "Theoretical gain" for the entire
population.
GAIN MATCHING
Gain matching as the limit on gain variation at a certain VG (expressed in dB) (see Figure 43) and is specified as
"Max" only (no "Typical"). For a VG range, the value specified represents the worst case matching over the entire
range. The "Max" value would be the worst case difference between the actual gain and the typical gain for the
entire population.
14
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6504



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com