Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6504MA/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LMH6504MA/NOPB
Description  LMH6504 Wideband, Low Power, Variable Gain Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6504MA/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMH6504MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
LMH6504
SNOSA96D – NOVEMBER 2003 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits are specified for TA = 25°C, VS = ±5V, AVMAX = 9.7 V/V, RF = 1 kΩ, RG = 100Ω,
VIN = ±0.1V, RL = 100Ω, VG = +2V. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min (2)
Typ (2)
Max (2)
Units
DC & Miscellaneous Performance
VG = 2.0V
0
±0.45
Gain Accuracy
GACCU
dB
(See Application Note)
0.8V < VG < 2V
±0.33
±3.9
VG = 2.0V
—
±0.42
Gain Matching
G Match
dB
(See Application Note
0.8V < VG < 2V
—
+2.8/
−4.2
Gain Multiplier
0.920
0.965
1.01
K
V/V
(See Application Notes)
0.916
1.02
VIN NL
RG Open
±3.2
Input Voltage Range
V
±0.48
±0.68
VIN L
RG = 100Ω
±0.40
±4.8
±6.8
mA
I RG_MAX
RG Current
Pin 3
±4.0
IBIAS
Bias Current
Pin 2 (6)
−1.4
−3.5
µA
−3.7
TC IBIAS
Bias Current Drift
Pin 2 (7) (8)
±200
pA/°C
RIN
Input Resistance
Pin 2
7
M
Ω
CIN
Input Capacitance
Pin 2
2.8
pF
IVG
VG Bias Current
Pin 1, VG = 2V
(6)
0.9
µA
TC IVG
VG Bias Drift
Pin 1 (7)
10
pA/°C
R VG
VG Input Resistance
Pin 1
25
M
Ω
C VG
VG Input Capacitance
Pin 1
2.8
pF
±2.0
±2.2
VOUT L
RL = 100Ω
±1.7
Output Voltage Range
V
VOUT NL
RL = Open
±3.1
ROUT
Output Impedance
DC
0.12
Ω
IOUT
Output Current
VOUT = ±4V from Rails
±60
±80
mA
±40
VO OFFSET
Output Offset Voltage
0V < VG < 2V
±10
±55
mV
±70
+PSRR
+Power Supply Rejection Ratio (9)
Input Referred, 1V change, VG =
–65
–76
dB
2.2V
−PSRR
−Power Supply Rejection Ratio (9)
Input Referred, 1V change, VG =
–65
–88
dB
2.2V
IS
Supply Current
No Load
8.5
11
15
mA
6.5
16
(6)
Positive current corresponds to current flowing into the device.
(7)
Drift determined by dividing the change in parameter distribution at temperature extremes by the total temperature change.
(8)
Input bias current drift with temperature can be either positive or negative for a given sample.
(9)
+PSRR definition: [|
ΔVOUT/ΔV
+| / A
V], −PSRR definition: [|ΔVOUT/ΔV
−| / A
V] with 0.1V input voltage. ΔVOUT is the change in output
voltage with offset shift subtracted out.
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6504



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com