Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6504MA/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LMH6504MA/NOPB
Description  LMH6504 Wideband, Low Power, Variable Gain Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6504MA/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMH6504MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
-0.5
0
0.5
1
1.5
VG (V)
2
-90
-80
-70
-60
-50
-40
30
-30
-20
-10
0
10
20
0
1
2
3
4
5
12
6
7
8
9
10
11
dB
(V/V)
-55°C
25°C
125°C
-55°C
25°C
125°C
VIN
1
8
3
2
5
4
7
6
RF
1 k:
RL
100:
RG
100:
V
-
V
+
VG
LMH6504
www.ti.com
SNOSA96D – NOVEMBER 2003 – REVISED MARCH 2013
LMH6504 Wideband, Low Power, Variable Gain Amplifier
Check for Samples: LMH6504
1
FEATURES
DESCRIPTION
The LMH™6504 is a wideband DC coupled voltage
23
•
VS = ±5V, TA = 25°C, RF = 1 KΩ, RG = 100Ω, RL
controlled gain stage followed by a high-speed
= 100
Ω, AV = AVMAX = 9.7V/V, Typical values
current feedback Op Amp which can directly drive a
unless specified.
low impedance load. Gain adjustment range is 80 dB
•
−3 dB BW 150 MHz
for up to 10 MHz by varying the gain control input
voltage, VG.
•
Gain control BW 150 MHz
•
Adjustment range (<10 MHz) 80 dB
Maximum gain is set by external components, and
the gain can be reduced all the way to cut-off. Power
•
Output offset voltage ±55 mV
consumption is 110 mW with a speed of 150 MHz
•
Gain matching (limit) ±0.42 dB
and a gain control bandwidth (BW) of 150 MHz.
•
Supply voltage range 7V to 12V
Output referred DC offset voltage is less than 55 mV
over the entire gain control voltage range. Device-to-
•
Slew rate (inverting) 1500 V/
μs
device gain matching is within ±0.42 dB at maximum
•
Supply Current (no load) 11 mA
gain. Furthermore, gain is tested over a wide range.
•
Linear Output Current ±60 mA
The output current feedback Op Amp allows high
•
Output Voltage Swing ±2.2V
frequency large signals (Slew Rate > 1500 V/
μs) and
can also drive a heavy load current (60 mA). Near
•
Input Noise Voltage 4.4 nV/
√Hz
ideal input characteristics (i.e. low input bias current,
•
Input Noise Current 2.6 pA/
√Hz
low offset, low pin 3 resistance) enable the device to
•
THD (20 MHz, RL = 100Ω, VO = 2 VPP) −45 dBc
be easily configured as an inverting amplifier as well
(see Application Information section for details).
•
Replacement for CLC5523
To provide ease of use when working with a single
APPLICATIONS
supply, VG range is set to be from 0V to +2V relative
to the ground pin potential (pin 4). VG input
•
Variable attenuator
impedance is high in order to ease drive requirement.
•
AGC
In single supply operation, the ground pin is tied to a
•
Voltage controlled filter
"virtual" half supply.
•
Video imaging processing
Typical Application
Figure 1. Gain vs. VG
Figure 2. AVMAX = 9.7 V/V
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
LMH is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMH6504MA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6504MA/NOPB TI1-LMH6504MA/NOPB Datasheet
1Mb / 29P
LMH6504 Wideband, Low Power, Variable Gain Amplifier
More results

Similar Description - LMH6504MA/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC522 NSC-CLC522 Datasheet
281Kb / 8P
Wideband Variable-Gain Amplifier
logo
NXP Semiconductors
NE5209 PHILIPS-NE5209 Datasheet
306Kb / 15P
Wideband variable gain amplifier
1990 Aug 20
SA5209 PHILIPS-SA5209 Datasheet
202Kb / 17P
Wideband variable gain amplifier
1997 Nov 07
SA5219 PHILIPS-SA5219 Datasheet
236Kb / 18P
Wideband variable gain amplifier
1997 Nov 07
logo
National Semiconductor ...
LMH6503 NSC-LMH6503 Datasheet
1,009Kb / 20P
Wideband, Low Power, Linear Variable Gain Amplifier
LMH6504 NSC-LMH6504 Datasheet
759Kb / 19P
Wideband, Low Power, Variable Gain Amplifier
logo
Texas Instruments
LMH6503MAX TI-LMH6503MAX Datasheet
1Mb / 33P
LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6504 TI1-LMH6504_14 Datasheet
1Mb / 29P
Wideband, Low Power, Variable Gain Amplifier
LMH6503 TI1-LMH6503 Datasheet
1Mb / 33P
LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6504 TI1-LMH6504 Datasheet
1Mb / 29P
LMH6504 Wideband, Low Power, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com