Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6504MA/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LMH6504MA/NOPB
Description  LMH6504 Wideband, Low Power, Variable Gain Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6504MA/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMH6504MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
LMH6504
SNOSA96D – NOVEMBER 2003 – REVISED MARCH 2013
www.ti.com
DESCRIPTION CONTINUED
LMH6504 gain control is linear in dB for a large portion of the total gain control range. This makes the device
suitable for AGC applications. For linear gain control applications, see the LMH6503 data sheet.
The combination of minimal external components and small outline packages (SOIC and VSSOP) allows the
LMH6504 to be used in space-constrained applications.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
ESD Tolerance (2):
Human Body Model
1000V
Machine Model
100V
Input Current
±10 mA
Output Current
120 mA (3)
Supply Voltages (V+ - V−)
12.6V
Voltage at Input/ Output pins
V+ +0.8V, V−
−0.8V
Storage Temperature Range
−65°C to 150°C
Junction Temperature
150°C
Soldering Information:
Infrared or Convection (20 sec)
235°C
Wave Soldering (10 sec)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For specifications, see the Electrical
Characteristics.
(2)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC). Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
(3)
The maximum output current (IOUT) is determined by device power dissipation limitations or value specified, whichever is lower.
Operating Ratings
Supply Voltages (V+ - V−)
7V to 12V
Temperature Range (1)
−40°C to +85°C
Thermal Resistance:
(
θJC)
(
θJA)
8-Pin SOIC
60
165
8-Pin VSSOP
65
235
(1)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA)/ θJA. All numbers apply for packages soldered directly onto a PC Board.
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6504



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com