Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6504MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LMH6504MA/NOPB
Description  LMH6504 Wideband, Low Power, Variable Gain Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6504MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMH6504MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
+0.2 VDC
+VIN
RF IN
RG
100:
R1
50:
C1
0.01 PF
+5V
-5V
1V DC
RT
50:
RP1
10 k:
RF
1 k:
ROUT
50:
RL
50:
VG
+
-
LMH6504
PORT 1
PORT 2
LMH6504
www.ti.com
SNOSA96D – NOVEMBER 2003 – REVISED MARCH 2013
Electrical Characteristics
(1)
Unless otherwise specified, all limits are specified for TA = 25°C, VS = ±5V, AVMAX = 9.7 V/V, RF = 1 kΩ, RG = 100Ω,
VIN = ±0.1V, RL = 100Ω, VG = +2V. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min (2)
Typ (2)
Max (2)
Units
Frequency Domain Response
VOUT < 1 VPP
150
BW
-3dB Bandwidth
MHz
VOUT < 4 VPP, AVMAX = 100
58
VOUT < 1 VPP
GF
Gain Flatness
40
MHz
0.9V
≤ VG ≤ 2V, ±0.2 dB
±0.2 dB Flatness, f < 30 MHz
26
Flat Band (Relative to Max Gain)
Att Range
dB
Attenuation Range (3)
±0.1 dB Flatness, f < 30 MHz
9.5
BW
150
MHz
Gain control Bandwidth
VG = 1V
(4)
Control
VG = 0V, 30 MHz
−53
CT (dB)
Feed-through
dB
(Output/Input)
f < 10 MHz
80
GR
Gain Adjustment Range
dB
f < 30 MHz
73
Time Domain Response
tr, tf
Rise and Fall Time
2.1
ns
0.5V Step
OS %
Overshoot
20
%
4V Step, Non Inverting
800
SR
Slew Rate (5)
V/
μs
4V Step, Inverting
1500
Distortion & Noise Performance
HD2
2nd Harmonic Distortion
−47
HD3
3rd Harmonic Distortion
2VPP, 20 MHz
–55
dBc
THD
Total Harmonic Distortion
−45
En tot
Total Equivalent Input Noise
f > 1 MHz, RSOURCE = 50Ω
4.4
nV/
√Hz
IN
Input Noise Current
f > 1 MHz
2.6
pA/
√Hz
DG
Differential Gain
f = 4.43 MHz, RL = 100Ω
0.45
%
DP
Differential Phase
0.13
deg
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No parametric performance is indicated in the electrical tables under conditions of
internal self-heating where TJ > TA.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested on shipped production material.
(3)
Flat Band Attenuation (Relative To Max Gain) Range Definition: Specified as the attenuation range from maximum which allows gain
flatness specified (either ±0.2dB or ±0.1dB), relative to AVMAX gain. For example, for f < 30 MHz, here are the Flat Band Attenuation
ranges:±0.2 dB: 19.7 dB down to -6.3 dB = 26 dB range±0.1 dB: 19.7 dB down to 10.2 dB = 9.5 dB range
(4)
Gain control frequency response schematic:
(5)
Slew rate is the average of the rising and falling slew rates.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6504



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com