Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS752E Datasheet(PDF) 6 Page - STMicroelectronics

Part # STTS752E
Description  Digital temperature sensor and thermal watchdog
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS752E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STTS752E Datasheet HTML 2Page - STMicroelectronics STTS752E Datasheet HTML 3Page - STMicroelectronics STTS752E Datasheet HTML 4Page - STMicroelectronics STTS752E Datasheet HTML 5Page - STMicroelectronics STTS752E Datasheet HTML 6Page - STMicroelectronics STTS752E Datasheet HTML 7Page - STMicroelectronics STTS752E Datasheet HTML 8Page - STMicroelectronics STTS752E Datasheet HTML 9Page - STMicroelectronics STTS752E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Summary description
STTS75
6/38
1
Summary description
The STTS75 is a high-precision CMOS (Digital) temperature sensor IC with a Delta-Sigma
analog-to-digital (ADC) converter and an I2C-compatible serial digital interface (see Figure 1
on page 7). It is targeted for general applications such as personal computers, system
thermal management, electronics equipment, and industrial controllers, and is packaged in
the industry standard 8-lead TSSOP and SO8 packages (see Figure 2 on page 8).
The device contains a band gap temperature sensor and programmable 9-to 12-bit ADC
which monitor and digitize the temperature to a resolution up to 0.0625°C. The STTS75 is
typically accurate to (±3°C - max) over the full temperature measurement range of –55°C to
125°C with ±2°C accuracy in the –25°C to +100°C range. At power-up, the STTS75 defaults
to 9-bit resolution for software compatibility with the STLM75.
STTS75 is specified for operating at supply voltages from 2.7V to 5.5V. Operating at 3.3V,
the supply current is typically (75µA).
The on-board delta sigma analog-to-digital converter (ADC) converts the measured
temperature to a digital value that is calibrated in °C; for Fahrenheit applications a lookup
table or conversion routine is required.
The STTS75 is factory-calibrated and requires no external components to measure
temperature.
1.1
Serial communications
The STTS75 has a simple 2-wire I2C-compatible digital serial interface which allows the
user to access the data in the temperature register at any time. It communicates via the
serial interface with a master controller which operates at speeds up to 400kHz. Three pins
(A0, A1, and A2) are available for address selection, and enable the user to connect up to 8
devices on the same bus without address conflict.
In addition, the serial interface gives the user easy access to all STTS75 registers to
customize operation of the device.
1.2
Temperature sensor output
The STTS75 Temperature Sensor has a dedicated open drain Over-Limit Signal/Alert
(OS/INT/Alert) output which features a thermal Alarm function. This function provides a
user-programmable trip and turn-off temperature. It can operate in either of two selectable
modes:
Section 2.3: Comparator mode, and
Section 2.4: Interrupt mode.
At power-up the STTS75 comes up in 9-bit mode and immediately begins measuring the
temperature and converting the temperature to a digital value. The resolution of the digital
output data is user-configurable to 9, 10, 11, or 12 bits which correspond to temperature
increments of 0.5°C, 0.25°C, 0.125°C, and 0.0625°C, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com