Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS752E Datasheet(PDF) 25 Page - STMicroelectronics

Part # STTS752E
Description  Digital temperature sensor and thermal watchdog
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS752E Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STTS752E Datasheet HTML 21Page - STMicroelectronics STTS752E Datasheet HTML 22Page - STMicroelectronics STTS752E Datasheet HTML 23Page - STMicroelectronics STTS752E Datasheet HTML 24Page - STMicroelectronics STTS752E Datasheet HTML 25Page - STMicroelectronics STTS752E Datasheet HTML 26Page - STMicroelectronics STTS752E Datasheet HTML 27Page - STMicroelectronics STTS752E Datasheet HTML 28Page - STMicroelectronics STTS752E Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
STTS75
Functional description
25/38
3.6
WRITE mode
In this mode the master transmitter transmits to the STTS75 slave receiver. Bus protocol is
shown in Figure 12. Following the START condition and slave address, a logic '0' (R/W = 0)
is placed on the bus and indicates to the addressed device that word address will follow and
is to be written to the on-chip address pointer.
These modes are shown in the WRITE mode typical timing diagrams (see Figure 12, and
Figure 13, and Figure 14 on page 26).
Figure 12.
Typical pointer set followed by an Immediate READ from the
configuration register
Figure 13.
Configuration register WRITE
AI12279b
19
1
9
Repeat
Start
by
Master
ACK
by
STTS75
No ACK
by
STTS75
Stop
Cond.
by
Master
1
0
0
1
A2
A1 A0
D7 D6 D5 D4 D3 D2 D1 D0
R/W
Address Byte
Data Byte
11
99
1
Start
by
Master
Address Byte
Pointer Byte
ACK
by
STTS75
ACK
by
STTS75
00
1
A2
A1 A0
W
00
0
0
0
0
D1 D0
AI12280b
11
99
1
9
1
Start
by
Master
Address Byte
Pointer Byte
ACK
by
STTS75
ACK
by
STTS75
ACK
by
STTS75
Stop
Cond.
by
Master
00
1
A2
A1 A0
W
00
0
0
0
0
0
0
0
D4 D3 D2 D1 D0
D1 D0
Configuration Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com