Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS752E Datasheet(PDF) 31 Page - STMicroelectronics

Part # STTS752E
Description  Digital temperature sensor and thermal watchdog
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS752E Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STTS752E Datasheet HTML 27Page - STMicroelectronics STTS752E Datasheet HTML 28Page - STMicroelectronics STTS752E Datasheet HTML 29Page - STMicroelectronics STTS752E Datasheet HTML 30Page - STMicroelectronics STTS752E Datasheet HTML 31Page - STMicroelectronics STTS752E Datasheet HTML 32Page - STMicroelectronics STTS752E Datasheet HTML 33Page - STMicroelectronics STTS752E Datasheet HTML 34Page - STMicroelectronics STTS752E Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
STTS75
DC and AC parameters
31/38
Figure 16.
Bus timing requirements sequence
1.
Valid for ambient operating temperature: TA = –55 to 125°C; VDD = 2.7V to 5.5V (except where noted).
2.
Transmitter must internally provide a hold time to bridge the undefined region (300ns max) of the falling
edge of SCL.
3.
For SMBus compatibility STTS75 supports bus timeout. Holding the SDA line low for a period greater than
timeout duration will cause STTS75 to reset the SDA line to the state of serial bus communication (SDA
high).
Table 15.
AC characteristics
Sym
Parameter(1)
Min
Max
Unit
fSCL
SCL clock frequency
0
400
kHz
tBUF
Time the bus must be free before a new transmission can start
1.3
µs
tF
SDA and SCL fall time
300
ns
tHD:DAT
(2)
Data hold time
0.9
µs
tHD:STA
START condition hold time (after this period the first clock pulse is
generated)
600
ns
tHIGH
Clock high period
600
ns
tLOW
Clock low period
1.3
µs
tR
SDA and SCL rise time
300
ns
tSU:DAT
Data setup time
100
ns
tSU:STA
START condition setup time (only relevant for a repeated start
condition)
600
ns
tSU:STO
STOP condition setup time
600
ns
tTIME-OUT SDA low time for reset of serial interface
(3)
75
325
ns
AI00589
SDA
P
tSU:STO
tSU:STA
tHD:STA
SR
SCL
tSU:DAT
tF
tHD:DAT
tR
tHIGH
tLOW
tHD:STA
tBUF
S
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com