Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS752E Datasheet(PDF) 7 Page - STMicroelectronics

Part # STTS752E
Description  Digital temperature sensor and thermal watchdog
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS752E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STTS752E Datasheet HTML 3Page - STMicroelectronics STTS752E Datasheet HTML 4Page - STMicroelectronics STTS752E Datasheet HTML 5Page - STMicroelectronics STTS752E Datasheet HTML 6Page - STMicroelectronics STTS752E Datasheet HTML 7Page - STMicroelectronics STTS752E Datasheet HTML 8Page - STMicroelectronics STTS752E Datasheet HTML 9Page - STMicroelectronics STTS752E Datasheet HTML 10Page - STMicroelectronics STTS752E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
STTS75
Summary description
7/38
The measured temperature value is compared with a temperature limit (which is stored in
the 16-bit (TOS) READ/WRITE register), and the hysteresis temperature (which is stored in
the 16-bit (THYS) READ/WRITE register). If the measured value exceeds these limits, the
OS/INT pin is activated (see Figure 3 on page 8).
Figure 1.
Logic diagram
1.
SDA and OS/INT are open drain.
Note:
See Pin descriptions on page 9 for details.
Note:
See Pin descriptions on page 9 for details.
AI11840
SDA(1)
VDD
STDS75
GND
SCL
O.S./INT(1)
A0
A1
A2
Table 1.
Signal names
Pin
Symbol/Name
Type/Direction
Description
1SDA(1)
1.
SDA and OS/INT are open drain.
Input/ Output
Serial data input/output
2
SCL
Input
Serial clock input
3OS/INT(1)
Output
Over-limit signal/interrupt alert output
4
GND
Supply ground
Ground
5A2
Input
Address2 input
6A1
Input
Address1 input
7A0
Input
Address0 input
8VDD
Supply power
Supply voltage (2.7V to 5.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com