Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS752E Datasheet(PDF) 12 Page - STMicroelectronics

Part # STTS752E
Description  Digital temperature sensor and thermal watchdog
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS752E Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STTS752E Datasheet HTML 8Page - STMicroelectronics STTS752E Datasheet HTML 9Page - STMicroelectronics STTS752E Datasheet HTML 10Page - STMicroelectronics STTS752E Datasheet HTML 11Page - STMicroelectronics STTS752E Datasheet HTML 12Page - STMicroelectronics STTS752E Datasheet HTML 13Page - STMicroelectronics STTS752E Datasheet HTML 14Page - STMicroelectronics STTS752E Datasheet HTML 15Page - STMicroelectronics STTS752E Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Operation
STTS75
12/38
2.2
Thermal alarm function
The STTS75 thermal alarm function provides user-programmable thermostat capability and
allows the STTS75 to function as a standalone thermostat without using the serial interface.
The OS/INT output is the alarm output. This signal is an open drain output, and at power-up,
this pin is configured with active-low polarity by default.
2.3
Comparator mode
In Comparator mode, each time a temperature-to-digital (T-to-D) temperature conversion
occurs, the new digital temperature is compared to the value stored in the TOS and THYS
registers. If a fault tolerance number of consecutive temperature measurements are greater
than the value stored in the TOS register, the OS/INT output will be activated.
For example, if the FT1 and FT0 Bits are equal to “10” (fault tolerance = 4), four consecutive
temperature measurements must exceed TOS to activate the OS/INT output. Once the
OS/INT output is active, it will remain active until the first time the measured temperature
drops below the temperature stored in the THYS register.
When the thermostat is in comparator mode, the OS/INT can be programmed to operate
with any amount of hysteresis. The OS/INT output becomes active when the measured
temperature exceeds the TOS value a consecutive number of times as defined by the FT1
and FT0 fault tolerance (FT) Bits in the configuration register. The OS/INT then stays active
when the temperature falls below the value stored in THYS register for a consecutive number
of times as defined by the fault tolerance bits (FT1 and FT0). Putting the device into
shutdown mode does not clear OS/INT in comparator mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com