Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS752E Datasheet(PDF) 15 Page - STMicroelectronics

Part # STTS752E
Description  Digital temperature sensor and thermal watchdog
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS752E Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STTS752E Datasheet HTML 11Page - STMicroelectronics STTS752E Datasheet HTML 12Page - STMicroelectronics STTS752E Datasheet HTML 13Page - STMicroelectronics STTS752E Datasheet HTML 14Page - STMicroelectronics STTS752E Datasheet HTML 15Page - STMicroelectronics STTS752E Datasheet HTML 16Page - STMicroelectronics STTS752E Datasheet HTML 17Page - STMicroelectronics STTS752E Datasheet HTML 18Page - STMicroelectronics STTS752E Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
STTS75
Operation
15/38
2.7
Temperature data format
Table 4 shows the relationship between the output digital data and the external temperature
for 12-bit resolution.
Temperature data for Temperature, TOS and THYS Registers is represented by 9-bit, 10-bit,
11-bit, and 12-bit depending upon the resolution bits RC1, RC0 (Bits 6 and 5) in the
Configuration Register (see Table 7 on page 17). The default resolution is 9-bits.
The left-most bit in the output data stream controls temperature polarity information for each
conversion. If the Sign Bit is '0', the temperature is positive and of the Sign Bit is '1', the
temperature is negative.
2.8
Bus timeout feature
The STTS75 supports an SMSBus compatible timeout function which will reset the serial
I2C/SMBus interface if SDA is held low for a period greater than the timeout duration
between a START and STOP condition. If this occurs, the device will release the bus and
wait for another START condition.
Table 4.
Relationship between temperature and digital output
Temperature
Digital
output
(HEX)
Sign
Number of Bits used by
Conversion Resolution
910
11
12
Always
Zero
12-Bit Resolution
0000
11- Bit Resolution
0
0000
10-Bit Resolution
0
0
0000
9-Bit Resolution
0
0
0
0000
+125°C
0
111
1101
0
0
0
0
0000
7D00
+25.0625°C
0
001
1001
0
0
0
1
0000
1910
+10.125°C
0
000
1010
0
0
1
0
0000
0A20
+0.5°C
0
000
0000
1
0
0
0
0000
0080
0°C
0
000
0000
0
0
0
0
0000
0000
–0.5°C
1
111
1111
1
0
0
0
0000
FF80
–10.25°C
1
111
0101
1
1
1
0
0000
F5E0
–25.0625°C
1
110
0110
1
1
1
1
0000
E6F0
–55°C
1
100
1001
0
0
0
0
0000
C900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com