Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4871 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS4871
Description  Output rail-to-rail 1 W audio power amplifier with standby mode
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4871 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS4871 Datasheet HTML 5Page - STMicroelectronics TS4871 Datasheet HTML 6Page - STMicroelectronics TS4871 Datasheet HTML 7Page - STMicroelectronics TS4871 Datasheet HTML 8Page - STMicroelectronics TS4871 Datasheet HTML 9Page - STMicroelectronics TS4871 Datasheet HTML 10Page - STMicroelectronics TS4871 Datasheet HTML 11Page - STMicroelectronics TS4871 Datasheet HTML 12Page - STMicroelectronics TS4871 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Figure 14. Power supply rejection ratio (PSRR) vs
input capacitor
10
100
1000
10000
100000
-60
-50
-40
-30
-20
-10
Vcc = 5, 3.3 & 2.6V
Rfeed = 22kΩ, Rin = 22k
Cb = 1µF
Rg = 100Ω, RL = 8Ω
Tamb = 25°C
Cin=22nF
Cin=100nF
Cin=220nF
Cin=330nF
Cin=1µF
Frequency (Hz)
Figure 15. Power supply rejection ratio (PSRR) vs
feedback resistor
10
100
1000
10000
100000
-80
-70
-60
-50
-40
-30
-20
-10
Rfeed=10kΩ
Rfeed=22kΩ
Rfeed=47kΩ
Rfeed=110kΩ
Vcc = 5, 3.3 & 2.6V
Cb = 1µF & 0.1µF
Vripple = 200mVrms
Input = floating
RL = 8Ω
Tamb = 25°C
Frequency (Hz)
Figure 16. Pout @ THD + N = 1% vs supply voltage
vs RL
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
32Ω
16Ω
4Ω
6Ω
Gv = 2 & 10
Cb = 1µF
F = 1kHz
BW < 125kHz
Tamb = 25°C
8Ω
Vcc (V)
Figure 17. Pout @ THD + N = 10% vs supply voltage
vs RL
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
4Ω
6Ω
8Ω
16Ω
32Ω
Gv = 2 & 10
Cb = 1µF
F = 1kHz
BW < 125kHz
Tamb = 25°C
Vcc (V)
Figure 18. Power dissipation vs Pout Vcc=5 V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
RL=16Ω
RL=8Ω
Vcc=5V
F=1kHz
THD+N<1%
RL=4Ω
Output Power (W)
Figure 19. Power dissipation vs Pout Vcc=3.3 V
0.0
0.2
0.4
0.6
0.8
0.0
0.1
0.2
0.3
0.4
0.5
0.6
RL=4Ω
RL=8Ω
Vcc=3.3V
F=1kHz
THD+N<1%
RL=16Ω
Output Power (W)
TS4871
Electrical characteristics curves
DS2547 - Rev 10
page 9/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com