Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4871 Datasheet(PDF) 41 Page - STMicroelectronics

Part # TS4871
Description  Output rail-to-rail 1 W audio power amplifier with standby mode
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4871 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button TS4871 Datasheet HTML 34Page - STMicroelectronics TS4871 Datasheet HTML 35Page - STMicroelectronics TS4871 Datasheet HTML 36Page - STMicroelectronics TS4871 Datasheet HTML 37Page - STMicroelectronics TS4871 Datasheet HTML 38Page - STMicroelectronics TS4871 Datasheet HTML 39Page - STMicroelectronics TS4871 Datasheet HTML 40Page - STMicroelectronics TS4871 Datasheet HTML 41Page - STMicroelectronics TS4871 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
Figure 54.
THD + N vs frequency, Pout=900 mW ................................................... 17
Figure 55.
THD + N vs frequency, Pout=450 mW, RL=8 Ω ............................................ 17
Figure 56.
THD + N vs frequency, Pout=400 mW ................................................... 17
Figure 57.
THD + N vs frequency, Pout=200 mW ................................................... 17
Figure 58.
THD + N vs frequency, Pout=400 mW, Gv=010............................................. 18
Figure 59.
THD + N vs frequency, Pout=200 mW ................................................... 18
Figure 60.
THD + N vs frequency, Pout=220 mW ................................................... 18
Figure 61.
THD + N vs frequency, Pout=110 mW ................................................... 18
Figure 62.
THD + N vs frequency, Pout=220 mW, Vcc= 2.6 V .......................................... 18
Figure 63.
THD + N vs frequency, Pout=110 mW, Vcc= 2.6 V........................................... 18
Figure 64.
THD + N vs frequency, RL=16 Ω ...................................................... 19
Figure 65.
THD + N vs frequency, RL=16 Ω , Gv=10 ................................................. 19
Figure 66.
THD + N vs frequency, RL=16 Ω , Gv=2.................................................. 19
Figure 67.
THD + N vs frequency, RL=16 Ω , Gv=10, Vcc=3.3 V......................................... 19
Figure 68.
THD + N vs frequency, RL=16 Ω , Gv=2, Vcc=2.6 V ......................................... 19
Figure 69.
THD + N vs frequency, RL=16 Ω , Gv=10, Pout= 160 mW ..................................... 19
Figure 70.
Signal-to-noise ratio vs power supply with unweighted filter (20 Hz to 20 kHz)........................ 20
Figure 71.
Signal-to-noise ratio vs power supply with weighted filter type A ................................. 20
Figure 72.
Signal-to-noise ratio vs power supply with weighted filter type A Gv=2 ............................. 20
Figure 73.
Current consumption vs power supply voltage ............................................. 20
Figure 74.
Signal-to-noise ratio vs power supply with unweighted filter (20 Hz to 20 kHz) Gv=10 .................. 21
Figure 75.
Current consumption vs standby voltage @ Vcc = 5 V ........................................ 21
Figure 76.
Current consumption vs standby voltage @ Vcc = 2.6 V....................................... 21
Figure 77.
Current consumption vs standby voltage @ Vcc = 3.3 V....................................... 21
Figure 78.
Clipping voltage vs power supply voltage and load resistor..................................... 22
Figure 79.
Clipping voltage low-side vs power supply voltage and load resistor .............................. 22
Figure 80.
Vout1+Vout2 unweighted noise floor .................................................... 22
Figure 81.
Vout1+Vout2 A-weighted noise floor .................................................... 22
Figure 82.
Demoboard schematic.............................................................. 23
Figure 83.
Demoboard components side ......................................................... 23
Figure 84.
Demoboard top solder layer .......................................................... 24
Figure 85.
Demoboard bottom solder layer ....................................................... 24
Figure 86.
PSRR changes with Cb ............................................................. 32
Figure 87.
PSRR measurement schematic ....................................................... 32
Figure 88.
Frequency response gain vs Cin and Cfeed ............................................... 33
Figure 89.
MiniSO8 package outline ............................................................ 35
TS4871
List of figures
DS2547 - Rev 10
page 41/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com