Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4871 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS4871
Description  Output rail-to-rail 1 W audio power amplifier with standby mode
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4871 Datasheet(HTML) 4 Page - STMicroelectronics

  TS4871 Datasheet HTML 1Page - STMicroelectronics TS4871 Datasheet HTML 2Page - STMicroelectronics TS4871 Datasheet HTML 3Page - STMicroelectronics TS4871 Datasheet HTML 4Page - STMicroelectronics TS4871 Datasheet HTML 5Page - STMicroelectronics TS4871 Datasheet HTML 6Page - STMicroelectronics TS4871 Datasheet HTML 7Page - STMicroelectronics TS4871 Datasheet HTML 8Page - STMicroelectronics TS4871 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
3
Electrical characteristics
Table 3. Electrical characteristics VCC = +5 V, GND = 0 V, Tamb = 25 °C (unless otherwise specified).
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply current
No input signal, no load
6
8
mA
ISTANDBY (1)
Standby current
No input signal, VSTDBY = VCC, RL = 8 Ω
10
1000
nA
VOO
Output offset voltage
No input signal, RL = 8 Ω
5
20
mV
PO
Output power
THD = 1% max., f = 1 kHz, RL = 8 Ω
1
W
THD + N
Total harmonic distortion + noise
PO = 250 mWrms, Gv = 2, 20 Hz < f < 20 kHz, RL = 8 Ω
0.15
%
PSRR (2)
Power supply rejection ratio
f = 217 Hz, RL = 8 Ω, RFeed = 22 K Vripple = 200 mVrms
75
dB
ϕM
Phase margin at unity gain
RL = 8 Ω, CL = 500 pF
70
Degrees
GM
Gain margin
RL = 8 Ω, CL = 500 pF
20
dB
GBP
Gain bandwidth product
RL = 8 Ω
2
MHz
1. Standby mode is actived when Vstdby is tied to VCC.
2. Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is the surimposed sinus signal to VCC @ f = 217 Hz.
TS4871
Electrical characteristics
DS2547 - Rev 10
page 4/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com