Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4871 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TS4871
Description  Output rail-to-rail 1 W audio power amplifier with standby mode
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4871 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TS4871 Datasheet HTML 12Page - STMicroelectronics TS4871 Datasheet HTML 13Page - STMicroelectronics TS4871 Datasheet HTML 14Page - STMicroelectronics TS4871 Datasheet HTML 15Page - STMicroelectronics TS4871 Datasheet HTML 16Page - STMicroelectronics TS4871 Datasheet HTML 17Page - STMicroelectronics TS4871 Datasheet HTML 18Page - STMicroelectronics TS4871 Datasheet HTML 19Page - STMicroelectronics TS4871 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
Figure 48. THD + N vs frequency, Vcc=3.3 V
20
100
1000
10000
0.1
1
Pout = 270mW
Pout = 540mW
RL = 4Ω, Vcc = 3.3V
Gv = 2
Cb = 1µF
BW < 125kHz
Tamb = 25°C
Frequency (Hz)
Figure 49. THD + N vs frequency, Gv=10
20
100
1000
10000
0.1
1
Pout = 270mW
Pout = 540mW
RL = 4Ω, Vcc = 3.3V
Gv = 10
Cb = 1µF
BW < 125kHz
Tamb = 25°C
Frequency (Hz)
Figure 50. THD + N vs frequency, Vcc=2.6 V
20
100
1000
10000
0.1
1
Pout = 120mW
Pout = 240mW
RL = 4Ω, Vcc = 2.6V
Gv = 2
Cb = 1µF
BW < 125kHz
Tamb = 25°C
Frequency (Hz)
Figure 51. THD + N vs frequency, Vcc=2.6 V,
RL = 4 Ω
20
100
1000
10000
0.1
1
Pout = 240 & 120mW
RL = 4Ω, Vcc = 2.6V
Gv = 10
Cb = 1µF
BW < 125kHz
Tamb = 25°C
Frequency (Hz)
Figure 52. THD + N vs frequency, Vcc=5 V, RL=8 Ω
20
100
1000
10000
0.1
1
Cb = 0.1µF
Cb = 1µF
RL = 8Ω
Vcc = 5V
Gv = 2
Pout = 900mW
BW < 125kHz
Tamb = 25°C
Frequency (Hz)
Figure 53. THD + N vs frequency, Pout=450 mW
20
100
1000
10000
0.1
1
Cb = 0.1µF
Cb = 1µF
RL = 8Ω
Vcc = 5V
Gv = 2
Pout = 450mW
BW < 125kHz
Tamb = 25°C
Frequency (Hz)
TS4871
Electrical characteristics curves
DS2547 - Rev 10
page 16/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com