Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4871 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS4871
Description  Output rail-to-rail 1 W audio power amplifier with standby mode
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4871 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS4871 Datasheet HTML 6Page - STMicroelectronics TS4871 Datasheet HTML 7Page - STMicroelectronics TS4871 Datasheet HTML 8Page - STMicroelectronics TS4871 Datasheet HTML 9Page - STMicroelectronics TS4871 Datasheet HTML 10Page - STMicroelectronics TS4871 Datasheet HTML 11Page - STMicroelectronics TS4871 Datasheet HTML 12Page - STMicroelectronics TS4871 Datasheet HTML 13Page - STMicroelectronics TS4871 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Figure 20. Power dissipation vs Pout Vcc=2.6 V
0.0
0.1
0.2
0.3
0.4
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
RL=4Ω
RL=8Ω
Vcc=2.6V
F=1kHz
THD+N<1%
RL=16Ω
Output Power (W)
Figure 21. Power derating curves
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
MiniSO8
Ambient Temperature (°C)
Figure 22. THD + N vs output power Gv=2, Vcc= 5 V
1E-3
0.01
0.1
1
0.1
1
10
Rl = 4Ω
Vcc = 5V
Gv = 2
Cb = Cin = 1µF
BW < 125kHz
Tamb = 25°C
20kHz
20Hz, 1kHz
Output Power (W)
Figure 23. THD + N vs output power Gv=10,
Vcc =5 V
1E-3
0.01
0.1
1
0.1
1
10
RL = 4Ω, Vcc = 5V
Gv = 10
Cb = Cin = 1µF
BW < 125kHz, Tamb = 25°C
20kHz
20Hz
1kHz
Output Power (W)
Figure 24. THD + N vs output power Gv=2,
Vcc = 3.3 V
1E-3
0.01
0.1
1
0.1
1
10
RL = 4Ω, Vcc = 3.3V
Gv = 2
Cb = Cin = 1µF
BW < 125kHz
Tamb = 25°C
20kHz
20Hz, 1kHz
Output Power (W)
Figure 25. THD + N vs output power Gv=10,
Vcc = 3.3 V
1E-3
0.01
0.1
1
0.1
1
10
RL = 4Ω, Vcc = 3.3V
Gv = 10
Cb = Cin = 1µF
BW < 125kHz
Tamb = 25°C
20kHz
20Hz
1kHz
Output Power (W)
TS4871
Electrical characteristics curves
DS2547 - Rev 10
page 10/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com