Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4871 Datasheet(PDF) 28 Page - STMicroelectronics

Part # TS4871
Description  Output rail-to-rail 1 W audio power amplifier with standby mode
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4871 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TS4871 Datasheet HTML 24Page - STMicroelectronics TS4871 Datasheet HTML 25Page - STMicroelectronics TS4871 Datasheet HTML 26Page - STMicroelectronics TS4871 Datasheet HTML 27Page - STMicroelectronics TS4871 Datasheet HTML 28Page - STMicroelectronics TS4871 Datasheet HTML 29Page - STMicroelectronics TS4871 Datasheet HTML 30Page - STMicroelectronics TS4871 Datasheet HTML 31Page - STMicroelectronics TS4871 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
CFEED= 1
2πRFEEDFCH=265pF
So, we could use for Cfeed a 220 pF capacitor value that gives 24 kHz.
Now, we can calculate the value of Cb with the formula τb = 50 kΩ x Cb >> τin = (Rin+Rfeed) x Cin which permits
to reduce the pop and click effects.
Then Cb >> 0.8 μF.
We can choose for Cb a normalized value of 2.2 μF that gives good results in THD+N and PSRR.
In the following tables, you could find three another examples with values required for the demoboard.
Remark : components with (*) marking are optional.
5.8
Application n°1 : 20 Hz to 20 kHz bandwidth and 6 dB gain BTL power amplifier
Table 7. Components
Designator
Part type
R1
22 k / 0.125 W
R4
22 k / 0.125 W
R6
Short-circuit
R7
330 k / 0.125 W
R8*
(Vcc-Vf_led) / If_led
C5
470 nF
C6
100 µF
C7
100 nF
C9
Short-circuit
C10
Short-circuit
C12
1 µF
S1, S2, S6, S7
2 mm insulated plug 10.16 mm pitch
S8
3 pt connector 2.54 mm pitch
P1
PCB phono Jack
D1*
LED 3 mm
U1
TS4871IS
TS4871
Application information
DS2547 - Rev 10
page 28/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com