Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC211 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSC211
Description  High/low-side, bidirectional, zero-drift current sense amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC211 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSC211 Datasheet HTML 5Page - STMicroelectronics TSC211 Datasheet HTML 6Page - STMicroelectronics TSC211 Datasheet HTML 7Page - STMicroelectronics TSC211 Datasheet HTML 8Page - STMicroelectronics TSC211 Datasheet HTML 9Page - STMicroelectronics TSC211 Datasheet HTML 10Page - STMicroelectronics TSC211 Datasheet HTML 11Page - STMicroelectronics TSC211 Datasheet HTML 12Page - STMicroelectronics TSC211 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Figure 15. Negative output voltage swing vs.
output current VCC = 26 V
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
GND
GND+0.5
GND+1
GND+1.5
GND+2
GND+2.5
GND+3.0
GND+3.5
GND+4
GND+4.5
GND+5
GND+5.5
GND+6
-40 °C
125°C
Isink
Vcc=26 V
Vicm=12 V
25 °C
Output current (mA)
Figure 16. Input bias current vs. input common
mode voltage with supply voltage = 5 V
0
5
10
15
20
25
30
0
5
10
15
20
25
30
-10
0
10
20
30
40
50
-10
0
10
20
30
40
50
Iibp, Iibn Vref=2.5V
T=25°C
Vcc=5V
Iibp, Iibn Vref=0V
Vicm (V)
Figure 17. Input bias current vs. input common
mode voltage with supply voltage = 0 V
0
5
10
15
20
25
30
0
5
10
15
20
25
30
-5
0
5
10
15
20
25
30
-5
0
5
10
15
20
25
30
Iibp Vref=2.5V
T=25°C
Vcc=0V
Iibp Vref=0V
Iibn Vref=2.5V; 0V
Vicm (V)
Figure 18. Input bias current vs. temperature
-40
-20
0
20
40
60
80
100 120
-40
-20
0
20
40
60
80
100 120
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
35
Vref=Vcc/2
Vicm=12V
Vcc=5V
Temperature (°C)
Figure 19. Quiescent current vs. temperature
-40
-20
0
20
40
60
80
100 120
-40
-20
0
20
40
60
80
100 120
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
Vref=Vcc/2
Vicm=12V
Vcc=5V
Temperature (°C)
Figure 20. Input referred noise vs. frequency
TSC210, TSC211, TSC212, TSC213, TSC214, TSC215
Typical characteristics
DS13237 - Rev 7
page 9/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com