Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC211 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TSC211
Description  High/low-side, bidirectional, zero-drift current sense amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC211 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TSC211 Datasheet HTML 18Page - STMicroelectronics TSC211 Datasheet HTML 19Page - STMicroelectronics TSC211 Datasheet HTML 20Page - STMicroelectronics TSC211 Datasheet HTML 21Page - STMicroelectronics TSC211 Datasheet HTML 22Page - STMicroelectronics TSC211 Datasheet HTML 23Page - STMicroelectronics TSC211 Datasheet HTML 24Page - STMicroelectronics TSC211 Datasheet HTML 25Page - STMicroelectronics TSC211 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
6.8
Improving precision
If the TSC21x series current sensing is used with an ADC, it can be interesting to sense the output and the
reference voltage applied on the Ref pin in a differential way as depicted in Figure 43.
There are least two benefits to realizing the measurement in this way.
Firstly, in case of the output common voltage being fixed thanks to the ref pin, done only with a resistor divider,
without any buffer, it can cancel the effect of this external impedance.
And secondly, it cancels the imprecision of the voltage reference source as well, as it serves as reference also for
the ADC.
Figure 43. ADC in differential mode
TSC21x
Vcc
+
-
Vref
Ct
100nF
ADC
Rs
6.9
Power supply recommendation
In order to decouple correctly the TSC21x, it is recommended to place a 100 nF bypass capacitor between Vcc
and Gnd. This capacitor must be placed as close as possible of the supply pins.
It is also important to take into consideration the Vref pin which is used to fix the output common mode voltage.
Effectively this pin must be driven by a low impedance voltage source and can be decoupled thanks to a 10 nF
bypass capacitor.
Larger bypass capacitor added on Vcc pin and Vref pin should help to enhance CMRR and PSRR performance.
6.10
PCB layout recommendations
Particular attention must be paid to the layout of the PCB tracks connected to the current sensing, load and power
supply. It is good practice to use short and wide PCB traces to minimize voltage drops and parasitic inductance.
When using shunt resistance lower than 1 Ω, it is important to use a 4-wire connection technique to sense the
current as described in the schematic below. Effectively, this technique allows to separate pairs of current carrying
and voltage-sensing electrodes to make more accurate measurements by eliminating the lead and contact
resistance from the measurement.
It is also important to treat the track connected to the input pin of the TSC21x as a differential pair; it must have
the same length and width, and ideally be placed on the same PCB plane, and above all must be routed as far as
possible from noisy source. As this track carries the input bias current, in a range of hundreds of µA, it can be
designed small but always by taking care of their resistivity. Any via in these input tracks are non-recommended to
avoid any parasitic resistance in this path.
To minimize parasitic impedance over the entire surface, a multi-via technique that connects the bottom and top
layer ground planes together in many locations is often used.
A ground plane generally helps to reduce EMI, which is why it is generally recommended to use a multi-layer PCB
and use the ground planes as a shield to protect the internal track. In this case, pay attention to separate the
digital from the analog ground and avoid any ground loop. To further minimize EMI impact, it is important to
reduce loop area or antenna.
TSC210, TSC211, TSC212, TSC213, TSC214, TSC215
Application information
DS13237 - Rev 7
page 22/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com