Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC211 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSC211
Description  High/low-side, bidirectional, zero-drift current sense amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC211 Datasheet(HTML) 4 Page - STMicroelectronics

  TSC211 Datasheet HTML 1Page - STMicroelectronics TSC211 Datasheet HTML 2Page - STMicroelectronics TSC211 Datasheet HTML 3Page - STMicroelectronics TSC211 Datasheet HTML 4Page - STMicroelectronics TSC211 Datasheet HTML 5Page - STMicroelectronics TSC211 Datasheet HTML 6Page - STMicroelectronics TSC211 Datasheet HTML 7Page - STMicroelectronics TSC211 Datasheet HTML 8Page - STMicroelectronics TSC211 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
3
Absolute maximum ratings and operating conditions
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
26
V
VIN
Differential voltage between input pins (In+, In-)
-26 to +26
V
Common mode voltage on input pins
Gnd-0.3 to 26
Ref
Reference input voltage
Gnd-0.3 to Vcc+0.3
V
Iin
Input current to any pin(2)
5
mA
Vout
Output voltage
Gnd-0.3 to Vcc+0.3
V
TLead
Lead temperature for 10 s(3)
260
°C
Tstg
Storage temperature
-65 to 150
°C
Tj
Junction temperature
150
°C
Rth-ja
Thermal resistance junction to ambient (4)(5)
QFN10
SC70-6
124
232
°C/W
ESD
HBM: human body model(6)
4000
V
CDM: charged device model (7)
1000
1. All voltage values, except the differential voltage are with respect to the network ground terminal.
2. Due to AMR on input current (Iin), differential voltage may be limited.
3. Reflow at peak temperature of 260 °C. Time above 255 °C must not exceed 30 s.
4. Short-circuits can cause excessive heating and destructive dissipation.
5. Rth are typical values.
6. According to JEDEC standard JESD22-A114F.
7. According to ANSI/ESD STM5.3.1.
Table 4. Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.7 to 26
V
Vicm
Common mode voltage on
input pins
-0.3 to +26
V
T
Operating free-air
temperature range
-40 to 125
°C
TSC210, TSC211, TSC212, TSC213, TSC214, TSC215
Absolute maximum ratings and operating conditions
DS13237 - Rev 7
page 4/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com