Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC211 Datasheet(PDF) 26 Page - STMicroelectronics

Part # TSC211
Description  High/low-side, bidirectional, zero-drift current sense amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC211 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TSC211 Datasheet HTML 22Page - STMicroelectronics TSC211 Datasheet HTML 23Page - STMicroelectronics TSC211 Datasheet HTML 24Page - STMicroelectronics TSC211 Datasheet HTML 25Page - STMicroelectronics TSC211 Datasheet HTML 26Page - STMicroelectronics TSC211 Datasheet HTML 27Page - STMicroelectronics TSC211 Datasheet HTML 28Page - STMicroelectronics TSC211 Datasheet HTML 29Page - STMicroelectronics TSC211 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
6.14
Application example
Power supply monitoring and OCP function.
The TSC21x is used to sense the current into the load, and thus in both directions, in a very accurate way.
Figure 49. Power supply monitoring and OCP function
TSC21x
Vcc
-
+
Vref
10nF
100nF
power supply
Rshunt
R
load
Ref
Comparator
D-latch
HCF4013YM013TR
Vcc
+
-
Over current protection
Vcc
Microcontroller
Vcc
STM32
TS3021
Current sensing
When a short-circuit or overcurrent occurs, the application must be switched off as quickly as possible. And
moreover, after such event, the application must not restart by itself and must stay switched off until a manual
reload is applied. The TS3021 is a high speed comparator, which combined with D flip-flop HCF4013, is used to
realize a latch function in case of an overcurrent event.
In case of overcurrent, the output of the current sensing rises above the Ref voltage and so the output of the
comparator changes from a low state to a high state.
This information is directly latched because of the D flip-flop HCF4013. And after such an event, the output of the
HCF4013 (Q1) changes from high state to a low state.
The (Q1) is also supervised by a GPIO of the MCU, which can be informed in case of an overcurrent event.
To restart the application and un-latch the D flip-flop, a clock signal must be applied on pin CLOCK1 of the
HCF4013.
A first approach calculation by considering a Vcc voltage at 3.3 V.
The current sensing TSC213 has a slew rate of 0.85 V/µs. After an overcurrent event, its output is saturated and
may rise up to its maximum output voltage, here 3.3 V. If we consider the worst case the output of the TSC213 is
close to 0 V, the current sensing would need 3.9 µs to pass from 0 V to 3.3 V, after the overcurrent event.
The comparator TS3021 is a high speed comparator with a propagation delay TPLH of 75 ns max. to change its
state from low to high.
The D flip-flop has a propagation delay TPHL of 400 ns to change its state from high to low.
So after an overcurrent, the system takes, in worst condition, less than 4.4 µs to switch off the power (extra
margin should be taken considering that the propagation delay of the comparator depends on the overdrive).
TSC210, TSC211, TSC212, TSC213, TSC214, TSC215
Application information
DS13237 - Rev 7
page 26/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com