Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC211 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TSC211
Description  High/low-side, bidirectional, zero-drift current sense amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC211 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TSC211 Datasheet HTML 21Page - STMicroelectronics TSC211 Datasheet HTML 22Page - STMicroelectronics TSC211 Datasheet HTML 23Page - STMicroelectronics TSC211 Datasheet HTML 24Page - STMicroelectronics TSC211 Datasheet HTML 25Page - STMicroelectronics TSC211 Datasheet HTML 26Page - STMicroelectronics TSC211 Datasheet HTML 27Page - STMicroelectronics TSC211 Datasheet HTML 28Page - STMicroelectronics TSC211 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
6.13
AMR limitation
In case of important differential input voltage, a high current above the maximum Iin = 5 mA specified in the AMR
table may appear on the input pins.
As shown in Figure 48, for example, when using the TSC212 current sensing device, a differential input voltage
generates a current thru the input pins defined by:
Iin= Vdiff
Rin//R1+R2
(12)
If Vdiff = 26 V, the current Iin can rise, up to 23.4 mA
Iin= 26V1.1kΩ=23.4mA
(13)
Figure 48. TSC212 with input differential voltage
VCC
OUT
VREF
Vin+
R3
R1
+
-
R4
R2
TSC212
1kΩ
1kΩ
1MΩ
1MΩ
Iin
Vdiff
Rin
2.5kΩ
Therefore, to avoid silicon damage, the input current must be limited to 5 mA.
The differential input voltages should be limited to:
•
Vdiff = +/- 10 V for the TSC210
•
Vdiff = +/- 7.7 V for the TSC211
•
Vdiff = +/- 5.6 V for the TSC212
•
Vdiff = +/- 11.8 V for the TSC213
•
Vdiff = +/- 11.1 V for the TSC214
•
Vdiff = +/- 11.4 V for the TSC215
To match this requirement a serial resistance can be used, but precision would be affected, see
Section 6.12: Filtering input stage.
Alternative methods can be the use of Zener diode or even application restriction.
TSC210, TSC211, TSC212, TSC213, TSC214, TSC215
Application information
DS13237 - Rev 7
page 25/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com