Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC211 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TSC211
Description  High/low-side, bidirectional, zero-drift current sense amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC211 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TSC211 Datasheet HTML 16Page - STMicroelectronics TSC211 Datasheet HTML 17Page - STMicroelectronics TSC211 Datasheet HTML 18Page - STMicroelectronics TSC211 Datasheet HTML 19Page - STMicroelectronics TSC211 Datasheet HTML 20Page - STMicroelectronics TSC211 Datasheet HTML 21Page - STMicroelectronics TSC211 Datasheet HTML 22Page - STMicroelectronics TSC211 Datasheet HTML 23Page - STMicroelectronics TSC211 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
Figure 37. Capacitive load response at Vcc = 3.3 V with a step of 100 mV
-40µ
-20µ
0
20µ
40µ
60µ
80µ
100µ
120µ
140µ
-100
-80
-60
-40
-20
0
20
40
60
80
100
-800
-700
-600
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
700
800
Time (s)
Sample and hold
Vout
Vcc = 3.3 V, Vicm = 1.65V, Vsense = 0Vpp
T = 25°C,
5 kHz square signal of 100mV amplitude
injected in the output through 47pF
The effect of the ADC sampling and hold can be easily smoothed thanks to an RC filter. As suggested in the
schematic below in Figure 38. The capacitor of the external filter much be chosen much higher than the internal
ADC capacitor, in order to easily absorb the sudden voltage variation on the output due to the sampling and hold
of the ADC. And the resistance must be chosen according to the application speed of the system in order not to
impact the whole application. The main advantage to using an RC filter is to have an anti-aliasing system. The
ADC used must certainly have sample and hold conversion in accordance with the RC filter value, in order to let
the output recover before sampling.
Figure 38. RC filter when driving ADC
TSC21x
Vcc
+
-
Vref
Ct
10nF
100nF
ADC
Rs
In Figure 39 below an Rs = 1.3 kΩ resistance and a Ct = 470 pF capacitance have been set. Given a low pass
filter of 260 kHz and a response time of roughly 1.8 µs.
In Figure 40 below an Rs = 1.3 kΩ resistance and a Ct = 470 pF capacitance have been set. A load resistance of
10 kΩ is added in parallel of the Ct capacitance
TSC210, TSC211, TSC212, TSC213, TSC214, TSC215
Application information
DS13237 - Rev 7
page 20/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com