Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832IPAPR Datasheet(PDF) 5 Page - Texas Instruments

Part # AMC7832IPAPR
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7832IPAPR Datasheet(HTML) 5 Page - Texas Instruments

  AMC7832IPAPR Datasheet HTML 1Page - Texas Instruments AMC7832IPAPR Datasheet HTML 2Page - Texas Instruments AMC7832IPAPR Datasheet HTML 3Page - Texas Instruments AMC7832IPAPR Datasheet HTML 4Page - Texas Instruments AMC7832IPAPR Datasheet HTML 5Page - Texas Instruments AMC7832IPAPR Datasheet HTML 6Page - Texas Instruments AMC7832IPAPR Datasheet HTML 7Page - Texas Instruments AMC7832IPAPR Datasheet HTML 8Page - Texas Instruments AMC7832IPAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 74 page
background image
AMC7832
www.ti.com
SLAS836 – MARCH 2014
Terminal Functions (continued)
TERMINAL
DESCRIPTION
NUMBER
NAME
LV_ADC16 to
41-45
Unipolar analog inputs. These channels are used for general monitoring and their input range is 0 to 2 x VREF.
LV_ADC12
ADC_5,
ADC_4,
Bipolar analog inputs. Typically used to monitor the DAC_D2 to DAC_D5 outputs. The input range of these channels
46-49
ADC_3,
is -12.5-V to +12.5-V.
ADC_2
ADC_1,
Bipolar analog inputs. Typically used to monitor the DAC_C0 to DAC_C1 outputs. The input range of these channels
50-51
ADC_0
is -12.5-V to +12.5-V.
DAC_C1,
52,54
DAC group C. These channels share the same range and clamp voltage.
DAC_C0
Negative analog supply for DAC group C. Sets the power-on-reset and clamp voltage values. Typically tied to AVEE
53
AVSSC
when the DAC range for group C is set to -10 to 0-V or AGND for the positive output ranges.
This terminal determines the DAC range for DAC group C. If tied to AGND the DAC range is 0 to +5-V or 0 to +10-V.
55
VRANGEC
Otherwise if tied to +2.5-V (can be tied to REF_OUT terminals) the DAC range is -10 to 0-V.
56
REF_OUT2
Reference output 2. Can be used to drive the VRANGE inputs.
57
AVCC_CD
Positive analog power for DAC groups C and D. Must be tied to AVCC_AB.
DAC_D5,
DAC_D4,
58, 60, 63, 64
DAC group D. These channels share the same range and clamp voltage.
DAC_D3,
DAC_D2
Analog ground. Ground reference point for all analog circuitry on the device, AGND. Connect AGND1, AGND2 and
59
AGND3
AGND3 to the same potential, AGND.
This terminal determines the DAC range for DAC group D. If tied to AGND the DAC range is 0 to 5-V or 0 to 10-V.
61
VRANGED
Otherwise if tied to +2.5-V (can be tied to REF_OUT terminals) the DAC range is -10 to 0-V.
Negative analog supply for DAC group D. Sets the power-on-reset and clamp voltage values. Typically tied to AVEE
62
AVSSD
when the DAC range for group D is set to -10 to 0-V or AGND for the positive output ranges.
—
THERMAL PAD
The thermal pad is located on the package underside. Should be tied to AVEE or left unconnected.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com