Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832IPAPR Datasheet(PDF) 53 Page - Texas Instruments

Part # AMC7832IPAPR
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7832IPAPR Datasheet(HTML) 53 Page - Texas Instruments

Back Button AMC7832IPAPR Datasheet HTML 49Page - Texas Instruments AMC7832IPAPR Datasheet HTML 50Page - Texas Instruments AMC7832IPAPR Datasheet HTML 51Page - Texas Instruments AMC7832IPAPR Datasheet HTML 52Page - Texas Instruments AMC7832IPAPR Datasheet HTML 53Page - Texas Instruments AMC7832IPAPR Datasheet HTML 54Page - Texas Instruments AMC7832IPAPR Datasheet HTML 55Page - Texas Instruments AMC7832IPAPR Datasheet HTML 56Page - Texas Instruments AMC7832IPAPR Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 74 page
background image
AMC7832
www.ti.com
SLAS836 – MARCH 2014
Table 51. Register name: Register name: Power-down 0 – Address: 0xB2, Default: 0x00 (READ/WRITE)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
Power
0xB2
7
PDAC-C1
After power-on or reset, all bits in the Power-Down Register are
0
Down 0
cleared to '0', and all the components controlled by this register
6
PDAC-C0
0
are either powered-down or off. The Power-Down Register allows
5
PDAC-B7
0
the host to manage the AMC7832 power dissipation. When not
required, the ADC, internal reference, reference buffer amplifiers,
4
PDAC-B6
0
and any of the DACs can be put into an inactive low-power mode
3
PDAC-A11
0
to reduce current drain from the supply. The bits in the Power-
Down Register control this power-down function. Set the
2
PDAC-A10
0
respective bit to '1' to activate the corresponding function.
1
PDAC-A9
0
0
PDAC-A8
0
Table 52. Register name: Register name: Power-down 1 – Address: 0xB3, Default: 0x00 (READ/WRITE)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
Power
0xB3
7
PREF_OUT1
After power-on or reset, all bits in the Power-Down Register are
0
Down 1
cleared to '0', and all the components controlled by this register
6
PREF_OUT2
0
are either powered-down or off. The Power-Down Register allows
5
PREF
0
The Power-Down Register allows the host to manage the
AMC7832 power dissipation. When not required, the ADC,
4
PADC
0
internal reference, reference buffer amplifiers, and any of the
3
PDAC-D5
0
DACs can be put into an inactive low-power mode to reduce
current drain from the supply. The bits in the Power-Down
2
PDAC-D4
0
Register control this power-down function. Set the respective bit
1
PDAC-D3
0
to '1' to activate the corresponding function.
0
PDAC-D2
0
8.5.14 ADC Trigger: Address 0xC0
Table 53. Register name: ADC Trigger – Address: 0xC0, Default: 0x00 (WRITE ONLY)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
ADC Trigger
0xC0
7:1
Reserved
Reserved for factory use
All zeros
0
ICONV
Internal ADC conversion bit. Set this bit to ‘1’ to start the ADC
0
conversion internally. The bit is automatically cleared to ‘0’.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
53
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com