Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832IPAPR Datasheet(PDF) 6 Page - Texas Instruments

Part # AMC7832IPAPR
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7832IPAPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button AMC7832IPAPR Datasheet HTML 2Page - Texas Instruments AMC7832IPAPR Datasheet HTML 3Page - Texas Instruments AMC7832IPAPR Datasheet HTML 4Page - Texas Instruments AMC7832IPAPR Datasheet HTML 5Page - Texas Instruments AMC7832IPAPR Datasheet HTML 6Page - Texas Instruments AMC7832IPAPR Datasheet HTML 7Page - Texas Instruments AMC7832IPAPR Datasheet HTML 8Page - Texas Instruments AMC7832IPAPR Datasheet HTML 9Page - Texas Instruments AMC7832IPAPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 74 page
background image
AMC7832
SLAS836 – MARCH 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
AVDD to GND
-0.3
+6
V
DVDD to GND
-0.3
+6
V
IOVDD to GND
-0.3
DVDD
V
AVCC to GND
-0.3
+18
V
Supply voltage range
AVEE to GND
-13
+0.3
V
AVSSA,B,C,D to AVEE
-0.3
+13
V
AVCC to AVSSA,B,C,D
-0.3
+26
V
AVCC to AVEE
-0.3
+26
V
DGND to AGND
-0.3
+0.3
V
ADC_[0-11] analog input voltage to GND
–13
+13
V
ADC_[0-11] analog input current
-10
+10
mA
LV_ADC[12-16] analog input voltage to GND
-0.3
AVDD + 0.3
V
LV_ADC[12-16] analog input current
-10
+10
mA
DAC outputs to GND
AVSS - 0.3
AVCC + 0.3
V
REF_CMP to GND
-0.3
AVDD + 0.3
V
Terminal voltage/
Current range
REF_OUT[1-2] to GND
-0.3
AVDD + 0.3
V
VRANGE[A-D] to GND
-0.3
AVDD + 0.3
V
CS, SCLK, SDI and RESET to GND
-0.3
IOVDD + 0.3
V
SDO to GND
-0.3
IOVDD + 0.3
V
GPIO[0-7] to GND
-0.3
IOVDD + 0.3
V
GPIO[0-7] sinking current
5
mA
Operating temperature range
-40
+125
°C
Junction temperature range (TJ max)
-40
+150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 Handling Ratings
PARAMETER
DEFINITION
MIN
MAX
UNIT
Tstg
Storage temperature range
-40
+150
°C
Human body model (HBM) ESD stress voltage(2)
2.0
kV
VESD
(1)
Charged device model (CDM) ESD stress voltage(3)
750
V
(1)
Electrostatic discharge (ESD) to measure device sensitivity and immunity to damage caused by assembly line electrostatic discharges in
to the device.
(2)
Level listed above is the passing level per ANSI, ESDA, and JEDEC JS-001. JEDEC document JEP155 states that 500-V HBM allows
safe manufacturing with a standard ESD control process.
(3)
Level listed above is the passing level per EIA-JEDEC JESD22-C101. JEDEC document JEP157 states that 250-V CDM allows safe
manufacturing with a standard ESD control process.
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com