Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832IPAPR Datasheet(PDF) 8 Page - Texas Instruments

Part # AMC7832IPAPR
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7832IPAPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button AMC7832IPAPR Datasheet HTML 4Page - Texas Instruments AMC7832IPAPR Datasheet HTML 5Page - Texas Instruments AMC7832IPAPR Datasheet HTML 6Page - Texas Instruments AMC7832IPAPR Datasheet HTML 7Page - Texas Instruments AMC7832IPAPR Datasheet HTML 8Page - Texas Instruments AMC7832IPAPR Datasheet HTML 9Page - Texas Instruments AMC7832IPAPR Datasheet HTML 10Page - Texas Instruments AMC7832IPAPR Datasheet HTML 11Page - Texas Instruments AMC7832IPAPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 74 page
background image
AMC7832
SLAS836 – MARCH 2014
www.ti.com
7.5 Electrical Characteristics
The electrical ratings specified in this section apply to all specifications in this document, unless otherwise noted. These
specifications are interpreted as conditions that do not degrade the device parametric or functional specifications for the life of
the product containing it. AVDD = DVDD = +4.5 to +5.5-V, AVCC = +12-V, AVEE = -12-V, IOVDD = +1.8 to +5.5-V, AGND =
DGND = 0-V, AVSSA,B,C,D = 0-V (DAC groups in positive ranges) or -12-V (DAC groups in negative range), DAC output range
= 0 to 10-V for all groups, no load on the DACs, TA = -40°C to +105°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC SPECIFICATIONS
DAC DC ACCURACY
Resolution
12
Bits
Measured by line passing through codes
020h and FFFh.
±1
0 to +10-V and -10 to 0-V ranges
INL
Relative accuracy
LSB
Measured by line passing through codes
040h and FFFh.
±1.5
0 to +5-V range
Specified monotonic.
Measured by line passing through codes
020h and FFFh.
DNL
Differential nonlinearity
0 to +10-V and -10 to 0-V ranges.
±0.3
±1
LSB
Measured by line passing through codes
040h and FFFh.
0 to +5-V range
TA = 25°C
±20
mV
0 to +10-V range and -10 to 0-V ranges
TUE
Total unadjusted error(1)
TA = 25°C
±10
mV
0 to +5-V range
TA = 25°C, Measured by line passing
through codes 020h and FFFh,
±5
mV
0 to +10-V range
Offset error
TA = 25°C, Measured by line passing
through codes 040h and FFFh,
±5
mV
0 to +5-V range
Zero-code error
TA = 25°C, Code 000h, -10 to 0-V range
±20
mV
TA = 25°C, Measured by line passing
through codes 020h and FFFh,
±0.2
%FSR
0 to +10-V and -10 to 0-V ranges
Gain error(1)
TA = 25°C, Measured by line passing
through codes 040h and FFFh,
±0.2
%FSR
0 to +5-V range
Offset temperature coefficient
0 to +10-V and 0 to +5-V ranges
±1
ppm/°C
Zero-code temperature coefficient
-10 to 0-V range
±2
ppm/°C
Gain temperature coefficient
All output ranges
±1
ppm/°C
DAC OUTPUT CHARACTERISTICS
VRANGEn terminal set to AGND
0
10
V
DAC-5VRANGEn bit set to 0
VRANGEn terminal set to AGND
Full-scale output voltage range(2)
0
5
V
DAC-5VRANGEn bit set to 1
VRANGEn terminal set to +2.5V
–10
0
V
DAC-5VRANGEn bit set to 0
Transition: Code 400h to C00h to within
½ LSB, RL = 2kΩ, CL = 200pF,
10
µs
0 to +10-V and -10 to 0-V ranges
Output voltage settling time
Transition: Code 400h to C00h to within
½ LSB, RL = 2kΩ, CL = 200pF,
8
µs
0 to +5-V range
(1)
Internal reference contribution not included.
(2)
The output voltage cannot be greater than AVCC or lower than AVSS. See the DAC Output Range Selection section for more details.
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com