Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832IPAPR Datasheet(PDF) 56 Page - Texas Instruments

Part # AMC7832IPAPR
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7832IPAPR Datasheet(HTML) 56 Page - Texas Instruments

Back Button AMC7832IPAPR Datasheet HTML 52Page - Texas Instruments AMC7832IPAPR Datasheet HTML 53Page - Texas Instruments AMC7832IPAPR Datasheet HTML 54Page - Texas Instruments AMC7832IPAPR Datasheet HTML 55Page - Texas Instruments AMC7832IPAPR Datasheet HTML 56Page - Texas Instruments AMC7832IPAPR Datasheet HTML 57Page - Texas Instruments AMC7832IPAPR Datasheet HTML 58Page - Texas Instruments AMC7832IPAPR Datasheet HTML 59Page - Texas Instruments AMC7832IPAPR Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 74 page
background image
IN
S
IN
I
= F
×
V × C
D
AMC7832
SLAS836 – MARCH 2014
www.ti.com
Typical Application (continued)
9.2.2 Design Requirements
The AMC7832 Example Schematic uses most of the following design parameters.
Table 54. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
AVCC
5V
AVEE
-12V
IOVDD
3.3V
DVDD
5V
AVDD
5V
ADC Bipolar inputs
(ADC0 – ADC11)
-12.5 to +12.5-V input range
ADC Unipolar inputs
(LV_ADC12 – LV_ADC16)
0 to +5-V range
VRANGEA: GND
[0 to +5-V Range]
VRANGEB: GND
[0 to +5-V Range]
DAC Output voltage Ranges
VRANGEC: 2.5V (REF_OUT2)
[-10 to 0-V Range]
VRANGED: 2.5V (REF_OUT2)
[-10 to 0-V Range]
Remote temperature sensing
IC Temperature sensor (LM50) or thermistor
9.2.3 Detailed Design Procedure
The following displays a set of parameters and concepts that will facilitate the design process:
•
AVCC and AVEE voltage values
•
ADC input voltage range
•
DAC Output voltage Ranges
•
Remote temperature applications
9.2.3.1 ADC Input Conditioning
The AMC7832 has a single ADC core that features a multi-channel multiplexer input stage to a successive
approximation register (SAR) ADC. The analog inputs are separated into two input classes: bipolar ADC inputs
(high-voltage) and unipolar ADC Inputs (low-voltage). The high-voltage analog inputs (ADC_0 – ADC_11) feature
a -12.5-V to +12.5-V input range, while the low-voltage analog inputs (LV_ADC12 – LV_ADC16) accept a full-
scale range of 0 to 2 x VREF (VREF corresponds to a +2.5-V internal reference to the ADC block, and is externally
available on the REF_CMP pin). For additional noise filtering, a 4.7-µF capacitor is recommended between the
REF_CMP and GND. The value of this cap must exceed 470nF to ensure reference stability. A high-quality
ceramic type NP0 or X7R is recommended for its optimal performance across temperature, and very low
dissipation factor.
During conversion the input current per channel will vary with the total update time which is determined by the
number and type of channels (NCH) and the conversion rate setting CONV-RATE in the ADC Configuration
register (address 0x10). This information is displayed in Table 55.
(5)
Where:
CIN: Internal ADC input channel capacitance
ΔV : The maximum voltage difference between analog inputs
FS = f(CONVRATE, NCHBIPOLAR, NCHUNIPOLAR) = 1/TS
The total update time (TS) can be determined from Table 55.
Table 55. ADC Update Time per Input Channel
TS (μs) / CHANNEL
TS (μs) / CHANNEL
TS (μs)
CONV-RATE[1:0]
UNIPOLAR INPUT CHANNEL
BIPOLAR INPUT CHANNEL
TEMPERATURE SENSOR CHANNEL
00
11.5
34.5
256
01
23
34.5
256
10
34.5
34.5
256
11
69
69
256
56
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com