Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832IPAPR Datasheet(PDF) 13 Page - Texas Instruments

Part # AMC7832IPAPR
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7832IPAPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC7832IPAPR Datasheet HTML 9Page - Texas Instruments AMC7832IPAPR Datasheet HTML 10Page - Texas Instruments AMC7832IPAPR Datasheet HTML 11Page - Texas Instruments AMC7832IPAPR Datasheet HTML 12Page - Texas Instruments AMC7832IPAPR Datasheet HTML 13Page - Texas Instruments AMC7832IPAPR Datasheet HTML 14Page - Texas Instruments AMC7832IPAPR Datasheet HTML 15Page - Texas Instruments AMC7832IPAPR Datasheet HTML 16Page - Texas Instruments AMC7832IPAPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
AMC7832
www.ti.com
SLAS836 – MARCH 2014
7.6 Timing Requirements - Serial Interface
(1) (2)
AVDD = DVDD = +4.5 to +5.5-V, AVCC = +12-V, AVEE = -12-V, AGND = DGND = AVSSA,B,C,D = 0-V, DAC output range = 0 to
+10-V for all groups, no load on the DACs, TA = -40°C to +105°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOVDD = +1.8-V to +2.7-V
fSCLK
SCLK frequency
15
MHz
tP
SCLK period
66.67
ns
tPH
SCLK pulse width high
27
ns
tPL
SCLK pulse width low
27
ns
tSU
SDI setup
10
ns
tH
SDI hold
10
ns
tODZ
SDO driven to tri-state
0
15
ns
tOZD
SDO tri-state to driven
0
20
ns
tOD
SDO output delay
0
20
ns
tCSS
CS setup
5
ns
tCSH
CS hold
20
ns
tIAG
Inter-access gap
10
ns
IOVDD = +2.7-V to +5.5-V
fSCLK
SCLK frequency
20
MHz
tP
SCLK period
50
ns
tPH
SCLK pulse width high
22.5
ns
tPL
SCLK pulse width low
20
ns
tSU
SDI setup
10
ns
tH
SDI hold
10
ns
tODZ
SDO driven to tri-state
0
9
ns
tOZD
SDO tri-state to driven
0
12
ns
tOD
SDO output delay
0
15
ns
tCSS
CS setup
5
ns
tCSH
CS hold
20
ns
tIAG
Inter-access gap
10
ns
(1)
Specified by design and characterization. Not tested during production.
(2)
SDO loaded with 10-pF load capacitance for SDO timing specifications.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com