Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAPR Datasheet(PDF) 24 Page - Texas Instruments

Part # AMC7836IPAPR
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7836IPAPR Datasheet(HTML) 24 Page - Texas Instruments

Back Button AMC7836IPAPR Datasheet HTML 20Page - Texas Instruments AMC7836IPAPR Datasheet HTML 21Page - Texas Instruments AMC7836IPAPR Datasheet HTML 22Page - Texas Instruments AMC7836IPAPR Datasheet HTML 23Page - Texas Instruments AMC7836IPAPR Datasheet HTML 24Page - Texas Instruments AMC7836IPAPR Datasheet HTML 25Page - Texas Instruments AMC7836IPAPR Datasheet HTML 26Page - Texas Instruments AMC7836IPAPR Datasheet HTML 27Page - Texas Instruments AMC7836IPAPR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 91 page
background image
24
AMC7836
SLAS986D – NOVEMBER 2014 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The AMC7836 device is a highly-integrated analog-monitoring and control solution capable of voltage and
temperature supervision. The AMC7836 device includes the following features:
•
Sixteen 12-bit digital-to-analog converters (DACs) with adjustable output ranges
–
Output ranges: –10 to 0 V, –5 to 0 V, 0 to 5 V, and 0 to 10 V
–
Auto-range detector on device power-up and reset events
–
The DACs power-on and clamp voltages can be pin-selected between AGND and a negative voltage
–
The DACs can be configured to clamp automatically upon detection of an alarm event
•
A multi-channel, 12-bit analog-to-digital converter (ADC) for voltage and temperature sensing
–
Sixteen bipolar inputs: –12.5 to 12.5 V input range
–
Five precision inputs with programmable threshold detectors: 0 to 5 V input range
–
Internal temperature sensor
•
Internal 2.5 V precision reference
•
Eight general purpose I/O (GPIO) ports
•
Communication with the device occurs through a 4-wire SPI-compatible interface supporting 1.8 to 5.5 V
operation
The AMC7836 device is characterized for operation over the temperature range of –40ºC to 125ºC which makes
the device suitable for harsh-condition applications. The device is available in a 10-mm × 10-mm 64-pin HTQFP
PowerPAD IC package.
The very high-integration of the AMC7836 device makes it an ideal all-in-one, low-cost, bias-control circuit for the
power amplifiers (PAs) found in multi-channel RF-communication systems. The flexible DAC output ranges allow
the device to be used as a biasing solution for a large variety of transistor technologies such as LDMOS, GaAs,
and GaN. The AMC7836 feature set is similarly beneficial in general-purpose monitor and control systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com