Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAPR Datasheet(PDF) 9 Page - Texas Instruments

Part # AMC7836IPAPR
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7836IPAPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button AMC7836IPAPR Datasheet HTML 5Page - Texas Instruments AMC7836IPAPR Datasheet HTML 6Page - Texas Instruments AMC7836IPAPR Datasheet HTML 7Page - Texas Instruments AMC7836IPAPR Datasheet HTML 8Page - Texas Instruments AMC7836IPAPR Datasheet HTML 9Page - Texas Instruments AMC7836IPAPR Datasheet HTML 10Page - Texas Instruments AMC7836IPAPR Datasheet HTML 11Page - Texas Instruments AMC7836IPAPR Datasheet HTML 12Page - Texas Instruments AMC7836IPAPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 91 page
background image
9
AMC7836
www.ti.com
SLAS986D – NOVEMBER 2014 – REVISED FEBRUARY 2018
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
(1)
The internal reference contribution not included.
6.5 Electrical Characteristics: DAC
The electrical ratings specified in this section apply to all specifications in this document, unless otherwise noted. These
specifications are interpreted as conditions that do not degrade the device parametric or functional specifications for the life of
the product containing it. AVDD = DVDD = 4.7 to 5.5 V, AVCC = 12 V, IOVDD = 1.8 to 5.5 V, AGND = DGND = 0 V, AVEE =
AVSSB = AVSSC = AVSSD = –12 V (for DAC groups in negative range) or 0 V (for DAC groups in positive ranges), DAC output
range = 0 to 10 V for all groups, no load on the DACs, TA = –40°C to 105°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC DC ACCURACY
Resolution
12
Bits
INL
Relative accuracy
Measured by line passing through codes 020h and
FFFh. 0 to 10 V and –10 to 0 V ranges
±0.3
±1
LSB
Measured by line passing through codes 040h and
FFFh. 0 to 5 V and –5 to 0 V ranges
±0.5
±1.5
DNL
Differential nonlinearity
Specified monotonic. Measured by line passing
through codes 020h and FFFh. 0 to 10 V and –10 to
0 V ranges
±0.03
±1
LSB
Specified monotonic. Measured by line passing
through codes 020h and FFFh. 0 to 5 V and –5 to 0
V ranges
±0.06
±1
TUE
Total unadjusted error(1)
TA = 25°C, 0 to 10 V range
±2.5
±20
mV
TA = 25°C, –10 to 0 V range
±2.5
±20
TA = 25°C, 0 to 5 V range
±1.5
±15
TA = 25°C, –5 to 0 V range
±1.5
±15
Offset error
TA = 25°C, Measured by line passing through codes
020h and FFFh. 0 to 10 V range
±0.25
±5
mV
TA = 25°C, Measured by line passing through codes
040h and FFFh. 0 to 5 V range
±0.25
±5
Zero-code error
TA = 25°C, Code 000h, –10 to 0 V range
±1
±25
mV
TA = 25°C, Code 000h, –5 to 0 V range
±1
±25
Gain error(1)
TA = 25°C, Measured by line passing through codes
020h and FFFh, 0 to 10 V range
±0.01
±0.2
%FSR
TA = 25°C, Measured by line passing through codes
020h and FFFh, –10 to 0 V range
±0.01
±0.2
TA = 25°C, Measured by line passing through codes
040h and FFFh, 0 to 5 V range
±0.01
±0.2
TA = 25°C, Measured by line passing through codes
040h and FFFh, –5 to 0 V range
±0.01
±0.2
Offset temperature coefficient
0 to 10 V range
±1
ppm/°C
0 to 5 V range
±1
Zero-code temperature coefficient
–10 to 0 V range
±2
ppm/°C
–5 to 0 V range
±2
Gain temperature coefficient(1)
0 to 10 V range
±2.5
ppm/°C
–10 to 0 V range
±2.5
0 to 5 V range
±2.5
–5 to 0 V range
±2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com