Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAPR Datasheet(PDF) 58 Page - Texas Instruments

Part # AMC7836IPAPR
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7836IPAPR Datasheet(HTML) 58 Page - Texas Instruments

Back Button AMC7836IPAPR Datasheet HTML 54Page - Texas Instruments AMC7836IPAPR Datasheet HTML 55Page - Texas Instruments AMC7836IPAPR Datasheet HTML 56Page - Texas Instruments AMC7836IPAPR Datasheet HTML 57Page - Texas Instruments AMC7836IPAPR Datasheet HTML 58Page - Texas Instruments AMC7836IPAPR Datasheet HTML 59Page - Texas Instruments AMC7836IPAPR Datasheet HTML 60Page - Texas Instruments AMC7836IPAPR Datasheet HTML 61Page - Texas Instruments AMC7836IPAPR Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 91 page
background image
58
AMC7836
SLAS986D – NOVEMBER 2014 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
7.6.5 DAC Clear and ALARMOUT Source Select: Address 0x1A through 0x1D
7.6.5.1 DAC Clear Source 0 Register (address = 0x1A) [reset = 0x00]
Figure 83. DAC Clear Source 0 Register (R/W)
7
6
5
4
3
2
1
0
Reserved
ADC20-ALR-
CLR
ADC19-ALR-
CLR
ADC18-ALR-
CLR
ADC17-ALR-
CLR
ADC16-ALR-
CLR
R/W-All zeros
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 30. DAC Clear Source 0 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
Reserved
R/W
All zeros
Reserved for factory use
4
ADC20-ALR-CLR
R/W
0
This register selects which alarm forces DACs into a clear state,
regardless of which DAC operation mode is active, auto or
manual. In order for DAC_n to go into clear mode, it must be
enabled in the DAC Clear Enable registers.
3
ADC19-ALR-CLR
R/W
0
2
ADC18-ALR-CLR
R/W
0
1
ADC17-ALR-CLR
R/W
0
0
ADC16-ALR-CLR
R/W
0
7.6.5.2 DAC Clear Source 1 Register (address = 0x1B) [reset = 0x00]
Figure 84. DAC Clear Source 1 Register (R/W)
7
6
5
4
3
2
1
0
Reserved
ALARMIN-ALR
THERM-ALR
LT-HIGH-ALR
LT-LOW-ALR
R/W-All zeros
R/W-0
R/W-0
R/W-0
R/W-0
Table 31. DAC Clear Source 1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
Reserved
R/W
All zeros
Reserved for factory use
3
ALARMIN-ALR
R/W
0
This register selects which alarm forces DACs into a clear state,
regardless of which DAC operation mode is active, auto or
manual. In order for DAC_n to go into clear mode, it must be
enabled in the DAC Clear Enable registers.
2
THERM-ALR
R/W
0
1
LT-HIGH-ALR
R/W
0
0
LT-LOW-ALR
R/W
0
7.6.5.3 ALARMOUT Source 0 Register (address = 0x1c) [reset = 0x00]
Figure 85. ALARMOUT Source 0 Register (R/W)
7
6
5
4
3
2
1
0
Reserved
ADC20-ALR-
OUT
ADC19-ALR-
OUT
ADC18-ALR-
OUT
ADC17-ALR-
OUT
ADC16-ALR-
OUT
R/W-All zeros
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 32. ALARMOUT Source 0 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
Reserved
R/W
All zeros
Reserved for factory use
4
ADC20-ALR-OUT
R/W
0
This register selects which alarms can activate the ALARMOUT
pin. The ALARMOUT must be enabled for this function to take
effect.
3
ADC19-ALR-OUT
R/W
0
2
ADC18-ALR-OUT
R/W
0
1
ADC17-ALR-OUT
R/W
0
0
ADC16-ALR-OUT
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com