Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAPR Datasheet(PDF) 53 Page - Texas Instruments

Part # AMC7836IPAPR
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7836IPAPR Datasheet(HTML) 53 Page - Texas Instruments

Back Button AMC7836IPAPR Datasheet HTML 49Page - Texas Instruments AMC7836IPAPR Datasheet HTML 50Page - Texas Instruments AMC7836IPAPR Datasheet HTML 51Page - Texas Instruments AMC7836IPAPR Datasheet HTML 52Page - Texas Instruments AMC7836IPAPR Datasheet HTML 53Page - Texas Instruments AMC7836IPAPR Datasheet HTML 54Page - Texas Instruments AMC7836IPAPR Datasheet HTML 55Page - Texas Instruments AMC7836IPAPR Datasheet HTML 56Page - Texas Instruments AMC7836IPAPR Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 91 page
background image
53
AMC7836
www.ti.com
SLAS986D – NOVEMBER 2014 – REVISED FEBRUARY 2018
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
7.6.4 General Device Configuration: Address 0x10 through 0x17
7.6.4.1 ADC Configuration Register (address = 0x10) [reset = 0x00]
Figure 75. ADC Configuration Register (R/W)
7
6
5
4
3
2
1
0
CMODE
CONV-RATE[1:0]
ADC-REF-
BUFF
Reserved
R/W-0
R/W-00
R/W-0
R/W-All zeros
Table 19. ADC Configuration Register Field Descriptions
Bit
Field
Type
Reset
Description
7
CMODE
R/W
0
ADC Conversion Mode Bit. This bit selects the ADC conversion
mode.
0: Direct mode. The analog inputs specified in the ADC
channel registers are converted sequentially one time.
When one set of conversions is complete, the ADC is idle
and waits for a new trigger.
1: Auto mode. The analog inputs specified in the AMC
channel
registers
are
converted
sequentially
and
repeatedly. When one set of conversions is complete, the
ADC multiplexer returns to the first channel and repeats the
process. The ADC-UPDATE bit in register 0x0F must be
used to initiate the transfer of the latest conversion data to
the ADC Data registers.
6-5
CONV-RATE[1:0]
R/W
00
ADC Conversion rate. See Table 20 to configure this setting.
4
ADC-REF-BUFF
R/W
0
ADC Reference Buffer bit. This bit must be set to 1 after device
power-up to enable the internal reference buffer driving the
ADC.
0: ADC reference buffer is disabled.
1: ADC reference buffer is enabled.
3-0
Reserved
R/W
All zeros
Reserved for factory use
Table 20. CONV-RATE[1:0] Bit Configuration
CONV-RATE[1:0]
Unipolar Channel Sample Time (µs)
Bipolar Channel Sample
Time (µs)
00
11.5
34.5
01
23
34.5
10
34.5
34.5
11
69
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com