Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAPR Datasheet(PDF) 46 Page - Texas Instruments

Part # AMC7836IPAPR
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7836IPAPR Datasheet(HTML) 46 Page - Texas Instruments

Back Button AMC7836IPAPR Datasheet HTML 42Page - Texas Instruments AMC7836IPAPR Datasheet HTML 43Page - Texas Instruments AMC7836IPAPR Datasheet HTML 44Page - Texas Instruments AMC7836IPAPR Datasheet HTML 45Page - Texas Instruments AMC7836IPAPR Datasheet HTML 46Page - Texas Instruments AMC7836IPAPR Datasheet HTML 47Page - Texas Instruments AMC7836IPAPR Datasheet HTML 48Page - Texas Instruments AMC7836IPAPR Datasheet HTML 49Page - Texas Instruments AMC7836IPAPR Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 91 page
background image
46
AMC7836
SLAS986D – NOVEMBER 2014 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
Table 8. Register Map (continued)
ADDRESS
TYPE
DEFAULT
REGISTER NAME
0x31
R
00
ADC8-Data (High Byte)
0x32
R
00
ADC9-Data (Low Byte)
0x33
R
00
ADC9-Data (High Byte)
0x34
R
00
ADC10-Data (Low Byte)
0x35
R
00
ADC10-Data (High Byte)
0x36
R
00
ADC11-Data (Low Byte)
0x37
R
00
ADC11-Data (High Byte)
0x38
R
00
ADC12-Data (Low Byte)
0x39
R
00
ADC12-Data (High Byte)
0x3A
R
00
ADC13-Data (Low Byte)
0x3B
R
00
ADC13-Data (High Byte)
0x3C
R
00
ADC14-Data (Low Byte)
0x3D
R
00
ADC14-Data (High Byte)
0x3E
R
00
ADC15-Data (Low Byte)
0x3F
R
00
ADC15-Data (High Byte)
0x40
R
00
ADC16-Data (Low Byte)
0x41
R
00
ADC16-Data (High Byte)
0x42
R
00
ADC17-Data (Low Byte)
0x43
R
00
ADC17-Data (High Byte)
0x44
R
00
ADC18-Data (Low Byte)
0x45
R
00
ADC18-Data (High Byte)
0x46
R
00
ADC19-Data (Low Byte)
0x47
R
00
ADC19-Data (High Byte)
0x48
R
00
ADC20-Data (Low Byte)
0x49
R
00
ADC20-Data (High Byte)
0x4A
R
00
Temperature Data (Low Byte)
0x4B
R
00
Temperature Data (High Byte)
0x4C - 0x4F
—
—
Reserved
0x50
R/W
00
DACA0-Data (Low Byte)
0x51
R/W
00
DACA0-Data (High Byte)
0x52
R/W
00
DACA1-Data (Low Byte)
0x53
R/W
00
DACA1-Data (High Byte)
0x54
R/W
00
DACA2-Data (Low Byte)
0x55
R/W
00
DACA2-Data (High Byte)
0x56
R/W
00
DACA3-Data (Low Byte)
0x57
R/W
00
DACA3-Data (High Byte)
0x58
R/W
00
DACB4-Data (Low Byte)
0x59
R/W
00
DACB4-Data (High Byte)
0x5A
R/W
00
DACB5-Data (Low Byte)
0x5B
R/W
00
DACB5-Data (High Byte)
0x5C
R/W
00
DACB6-Data (Low Byte)
0x5D
R/W
00
DACB6-Data (High Byte)
0x5E
R/W
00
DACB7-Data (Low Byte)
0x5F
R/W
00
DACB7-Data (High Byte)
0x60
R/W
00
DACC8-Data (Low Byte)
0x61
R/W
00
DACC8-Data (High Byte)
0x62
R/W
00
DACC9-Data (Low Byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com