Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAPR Datasheet(PDF) 68 Page - Texas Instruments

Part # AMC7836IPAPR
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7836IPAPR Datasheet(HTML) 68 Page - Texas Instruments

Back Button AMC7836IPAPR Datasheet HTML 64Page - Texas Instruments AMC7836IPAPR Datasheet HTML 65Page - Texas Instruments AMC7836IPAPR Datasheet HTML 66Page - Texas Instruments AMC7836IPAPR Datasheet HTML 67Page - Texas Instruments AMC7836IPAPR Datasheet HTML 68Page - Texas Instruments AMC7836IPAPR Datasheet HTML 69Page - Texas Instruments AMC7836IPAPR Datasheet HTML 70Page - Texas Instruments AMC7836IPAPR Datasheet HTML 71Page - Texas Instruments AMC7836IPAPR Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 91 page
background image
68
AMC7836
SLAS986D – NOVEMBER 2014 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
7.6.12 Alarm Hysteresis Configuration: Address 0xA0 and 0xA5
The hysteresis registers define the hysteresis in the out-of-range alarms.
7.6.12.1 ADCn-Hysteresis Register (address = 0xA0 through 0xA4) [reset = 0x08]
Figure 107. ADCn-Hysteresis Register (R/W)
7
6
5
4
3
2
1
0
Reserved
HYSTn(6:0)
R/W-0
R/W-0x08
Table 55. ADCn-Hysteresis Register Field Descriptions
Bit
Field
Type
Reset
Description
7
Reserved
R/W
0
Reserved for factory use.
6-0
HYSTn(6:0)
R/W
0x08
Hysteresis of general purpose ADC_n, 1 LSB per step
7.6.12.2 LT-Hysteresis Register (address = 0xA5) [reset = 0x08]
Figure 108. LT-Hysteresis Register (R/W)
7
6
5
4
3
2
1
0
Reserved
HYST-LT(4:0)
R/W-All zeros
R/W-0x08
Table 56. LT-Hysteresis Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
Reserved
R/W
All zeros
Reserved for factory use.
4-0
HYST-LT(4:0)
R/W
0x08
Hysteresis of local temperature sensor, 1°C per step. The range
is 0°C to 31°C.
7.6.13 Clear and Power-Down Registers: Address 0xB0 through 0XB4
7.6.13.1 DAC Clear 0 Register (address = 0xB0) [reset = 0x00]
Figure 109. DAC Clear 0 Register (R/W)
7
6
5
4
3
2
1
0
CLR-B7
CLR-B6
CLR-B5
CLR-B4
CLR-A3
CLR-A2
CLR-A1
CLR-A0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 57. DAC Clear 0 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
CLR-B7
R/W
0
This register uses software to force the DAC into a clear state.
If CLRn = 1, DAC_n is forced into a clear state.
If CLRn = 0, DAC_n is restored to normal operation.
6
CLR-B6
R/W
0
5
CLR-B5
R/W
0
4
CLR-B4
R/W
0
3
CLR-A3
R/W
0
2
CLR-A2
R/W
0
1
CLR-A1
R/W
0
0
CLR-A0
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com