Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50-R1 Datasheet(PDF) 19 Page - Texas Instruments

Part # BQ40Z50-R1
Description  bq40z50-R1 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ40Z50-R1 Datasheet(HTML) 19 Page - Texas Instruments

Back Button BQ40Z50-R1 Datasheet HTML 15Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 16Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 17Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 18Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 19Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 20Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 21Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 22Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
16.6
16.7
16.8
16.9
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
C008
±25.8
±25.6
±25.4
±25.2
±25.0
±24.8
±24.6
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
C009
1.20
1.21
1.22
1.23
1.24
±40
±20
0
20
40
60
80
100
Temperature (
ƒC)
C006
250
252
254
256
258
260
262
264
±40
±20
0
20
40
60
80
100
Temperature (
ƒC)
C007
±8.0
±6.0
±4.0
±2.0
0.0
2.0
4.0
6.0
8.0
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
Max ADC Offset Error
Min ADC Offset Error
C003
±0.15
±0.10
±0.05
0.00
0.05
0.10
0.15
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
Max CC Offset Error
Min CC Offset Error
C001
bq40z50-R1
www.ti.com
SLUSCB3 – JULY 2015
7.35 Typical Characteristics
Figure 5. CC Offset Error vs. Temperature
Figure 6. ADC Offset Error vs. Temperature
Figure 7. Reference Voltage vs. Temperature
Figure 8. Low-Frequency Oscillator vs. Temperature
Threshold setting is 25 mV.
Figure 9. High-Frequency Oscillator vs. Temperature
Figure 10. Overcurrent Discharge Protection Threshold vs.
Temperature
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: bq40z50-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com