Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50-R1 Datasheet(PDF) 13 Page - Texas Instruments

Part # BQ40Z50-R1
Description  bq40z50-R1 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ40Z50-R1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button BQ40Z50-R1 Datasheet HTML 9Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 10Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 11Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 12Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 13Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 14Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 15Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 16Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
bq40z50-R1
www.ti.com
SLUSCB3 – JULY 2015
7.19 Electrical Characteristics: PCHG FET Drive
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output voltage,
VPCHG(ON) = VVCC – VPCHG, 10 MΩ between VCC and
V(FETON)
6
7
8
V
PCHG on
PCHG
Output voltage,
VPCHG(OFF) = VVCC – VPCHG, 10 MΩ between VCC and
V(FETOFF)
–0.4
0.4
V
PCHG off
PCHG
VPCHG from 10% to 90% VPCHG(ON)(TYP), VVCC ≥ 8 V, CL =
tR
Rise time
4.7 nF between PCHG and VCC, 5.1 kΩ between PCHG
40
200
µs
and CL, 10 MΩ between VCC and CHG
VPCHG from 90% to 10% VPCHG(ON)(TYP), VCC ≥ 8 V, CL =
tF
Fall time
4.7 nF between PCHG and VCC, 5.1 kΩ between PCHG
40
200
µs
and CL, 10 MΩ between VCC and CHG
7.20 Electrical Characteristics: FUSE Drive
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBAT ≥ 8 V, CL = 1 nF, IAFEFUSE = 0 µA
6
7
8.65
Output voltage
VOH
V
high
VBAT < 8 V, CL = 1 nF, IAFEFUSE = 0 µA
VBAT – 0.1
VBAT
VIH
High-level input
1.5
2.0
2.5
V
Internal pullup
IAFEFUSE(PU)
VBAT ≥ 8 V, VAFEFUSE = VSS
150
330
nA
current
RAFEFUSE
Output impedance
2
2.6
3.2
k
Ω
CIN
Input capacitance
5
pF
Fuse trip detection
tDELAY
128
256
µs
delay
Fuse output rise
tRISE
VBAT ≥ 8 V, CL = 1 nF, VOH = 0 V to 5 V
5
20
µs
time
7.21 Electrical Characteristics: Internal Temperature Sensor
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Internal
VTEMPP
–1.9
–2.0
–2.1
temperature
VTEMP
mV/°C
sensor voltage
VTEMPP – VTEMPN, assured by design
0.177
0.178
0.179
drift
7.22 Electrical Characteristics: TS1, TS2, TS3, TS4
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TS1, TS2, TS3, TS4, VBIAS = VREF1
–0.2
0.8 x VREF1
Input voltage
VIN
V
range
TS1, TS2, TS3, TS4, VBIAS = VREG
–0.2
0.8 x VREG
Internal pullup
RNTC(PU)
TS1, TS2, TS3, TS4
14.4
18
21.6
k
Ω
resistance
Resistance drift
RNTC(DRIFT)
over
TS1, TS2, TS3, TS4
–360
–280
–200
PPM/°C
temperature
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: bq40z50-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com