Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50-R1 Datasheet(PDF) 33 Page - Texas Instruments

Part # BQ40Z50-R1
Description  bq40z50-R1 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ40Z50-R1 Datasheet(HTML) 33 Page - Texas Instruments

Back Button BQ40Z50-R1 Datasheet HTML 29Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 30Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 31Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 32Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 33Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 34Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 35Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 36Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
bq40z50-R1
www.ti.com
SLUSCB3 – JULY 2015
Figure 26. Differential Filter
9.2.2.2.2
Power Supply Decoupling and PBI
The bq40z50-R1 has an internal LDO that is internally compensated and does not require an external decoupling
capacitor.
The PBI pin is used as a power supply backup input pin providing power during brief transient power outages. A
standard 2.2-µF ceramic capacitor is connected from the PBI pin to ground as shown in Figure 27.
Figure 27. Power Supply Decoupling
9.2.2.2.3
System Present
The System Present signal is used to inform the gas gauge whether the pack is installed into or removed from
the system. In the host system, this pin is grounded. The PRES pin of the bq40z50-R1 is occasionally sampled
to test for system present. To save power, an internal pullup is provided by the gas gauge during a brief 4-
μs
sampling pulse once per second. A resistor can be used to pull the signal low and the resistance must be 20 k
Ω
or lower to insure that the test pulse is lower than the VIL limit. The pull-up current source is typically 10 µA to
20 µA.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: bq40z50-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com