Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50-R1 Datasheet(PDF) 39 Page - Texas Instruments

Part # BQ40Z50-R1
Description  bq40z50-R1 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ40Z50-R1 Datasheet(HTML) 39 Page - Texas Instruments

Back Button BQ40Z50-R1 Datasheet HTML 35Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 36Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 37Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 38Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 39Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 40Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 41Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 42Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
bq40z50-R1
www.ti.com
SLUSCB3 – JULY 2015
Figure 34. Thermistor Drive
9.2.2.3.5
LEDs
Three LED control outputs provide constant current sinks for the driving external LEDs. These outputs are
configured to provide voltage and control for up to 5 LEDs. No external bias voltage is required. Unused
LEDCNTL pins can remain open or they can be connected to VSS. The DISP pin should be connected to VSS, if
the LED feature is not used.
Figure 35. LEDs
9.2.2.3.6
Safety PTC Thermistor
The bq40z50-R1 device provides support for a safety PTC thermistor. The PTC thermistor is connected between
the PTC pin and VSS. It can be placed close to the CHG/DSG FETs to monitor the temperature. The PTC pin
outputs a very small current, typical ~370 nA, and the PTC fault will be triggered at ~0.7 V typical. A PTC fault is
one of the permanent failure modes. It can only be cleared by a POR.
To disable this feature, connect a 10-k
Ω resistor between PTC and VSS.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: bq40z50-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com