Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50-R1 Datasheet(PDF) 42 Page - Texas Instruments

Part # BQ40Z50-R1
Description  bq40z50-R1 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ40Z50-R1 Datasheet(HTML) 42 Page - Texas Instruments

Back Button BQ40Z50-R1 Datasheet HTML 38Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 39Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 40Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 41Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 42Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 43Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 44Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 45Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
bq40z50-R1
SLUSCB3 – JULY 2015
www.ti.com
10 Power Supply Recommendations
The device manages its supply voltage dynamically according to the operation conditions. Normally, the BAT
input is the primary power source to the device. The BAT pin should be connected to the positive termination of
the battery stack. The input voltage for the BAT pin ranges from 2.2 V to 26 V.
The VCC pin is the secondary power input, which activates when the BAT voltage falls below minimum Vcc. This
allows the device to source power from a charger (if present) connected to the PACK pin. The VCC pin should
be connected to the common drain of the CHG and DSG FETs. The charger input should be connected to the
PACK pin.
42
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: bq40z50-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com