Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50-R1 Datasheet(PDF) 41 Page - Texas Instruments

Part # BQ40Z50-R1
Description  bq40z50-R1 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ40Z50-R1 Datasheet(HTML) 41 Page - Texas Instruments

Back Button BQ40Z50-R1 Datasheet HTML 37Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 38Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 39Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 40Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 41Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 42Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 43Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 44Page - Texas Instruments BQ40Z50-R1 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
10.70
10.75
10.80
10.85
10.90
10.95
11.00
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
C013
432
434
436
438
440
442
444
446
448
450
452
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
C014
±87.2
±87.0
±86.8
±86.6
±86.4
±86.2
±86.0
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
C011
±173.6
±173.5
±173.4
±173.3
±173.2
±173.1
±173.0
±172.9
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
C012
±25.8
±25.6
±25.4
±25.2
±25.0
±24.8
±24.6
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
C009
86.2
86.4
86.6
86.8
87.0
87.2
87.4
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
C010
bq40z50-R1
www.ti.com
SLUSCB3 – JULY 2015
9.2.3 Application Curves
Threshold setting is 25 mV.
Threshold setting is 25 mV.
Figure 37. Overcurrent Discharge Protection Threshold Vs.
Figure 38. Short Circuit Charge Protection Threshold Vs.
Temperature
Temperature
Threshold setting is –177.7 mV.
Threshold setting is –88.85 mV.
Figure 40. Short Circuit Discharge 2 Protection Threshold
Figure 39. Short Circuit Discharge 1 Protection Threshold
Vs. Temperature
Vs. Temperature
Threshold setting is 11 ms.
Threshold setting is 465 µs.
Figure 41. Overcurrent Delay Time Vs. Temperature
Figure 42. Short Circuit Charge Current Delay Time Vs.
Temperature
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: bq40z50-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com