Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50-R2 Datasheet(PDF) 17 Page - Texas Instruments

Part # BQ40Z50-R2
Description  BQ40Z50-R2 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ40Z50-R2 Datasheet(HTML) 17 Page - Texas Instruments

Back Button BQ40Z50-R2 Datasheet HTML 13Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 14Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 15Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 16Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 17Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 18Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 19Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 20Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
7.29 Instruction Flash (continued)
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
IFLASHERASE
Flash-erase current
TA = –40°C to 85°C
15
mA
7.30 Data Flash
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
Data retention
10
Years
Flash programming
write cycles
20000
Cycles
tPROGWORD
Word programming time TA = –40°C to 85°C
40
µs
tMASSERASE
Mass-erase time
TA = –40°C to 85°C
40
ms
tPAGEERASE
Page-erase time
TA = –40°C to 85°C
40
ms
IFLASHREAD
Flash-read current
TA = –40°C to 85°C
1
mA
IFLASHWRITE
Flash-write current
TA = –40°C to 85°C
5
mA
IFLASHERASE
Flash-erase current
TA = –40°C to 85°C
15
mA
7.31 OLD, SCC, SCD1, SCD2 Current Protection Thresholds
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
VOLD
OLD detection threshold
voltage range
VOLD = VSRP – VSRN, AFE PROTECTION
CONTROL[RSNS] = 1
–16.6
–100
mV
VOLD = VSRP – VSRN, AFE PROTECTION
CONTROL[RSNS] = 0
–8.3
–50
ΔVOLD
OLD detection threshold
voltage program step
VOLD = VSRP – VSRN, AFE PROTECTION
CONTROL[RSNS] = 1
–5.56
mV
VOLD = VSRP – VSRN, AFE PROTECTION
CONTROL[RSNS] = 0
–2.78
VSCC
SCC detection threshold
voltage range
VSCC = VSRP – VSRN, AFE PROTECTION
CONTROL[RSNS] = 1
44.4
200
mV
VSCC = VSRP – VSRN, AFE PROTECTION
CONTROL[RSNS] = 0
22.2
100
ΔVSCC
SCC detection threshold
voltage program step
VSCC = VSRP – VSRN, AFE PROTECTION
CONTROL[RSNS] = 1
22.2
mV
VSCC = VSRP – VSRN, AFE PROTECTION
CONTROL[RSNS] = 0
11.1
VSCD1
SCD1 detection
threshold voltage range
VSCD1 = VSRP – VSRN, AFE PROTECTION
CONTROL[RSNS] = 1
–44.4
–200
mV
VSCD1 = VSRP – VSRN, AFE PROTECTION
CONTROL[RSNS] = 0
–22.2
–100
ΔVSCD1
SCD1 detection
threshold voltage
program step
VSCD1 = VSRP – VSRN, AFE PROTECTION
CONTROL[RSNS] = 1
–22.2
mV
VSCD1 = VSRP – VSRN, AFE PROTECTION
CONTROL[RSNS] = 0
–11.1
VSCD2
SCD2 detection
threshold voltage range
VSCD2 = VSRP – VSRN, AFE PROTECTION
CONTROL[RSNS] = 1
–44.4
–200
mV
VSCD2 = VSRP – VSRN, AFE PROTECTION
CONTROL[RSNS] = 0
–22.2
–100
www.ti.com
BQ40Z50-R2
SLUSCS4C – JUNE 2017 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: BQ40Z50-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com