Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50-R2 Datasheet(PDF) 32 Page - Texas Instruments

Part # BQ40Z50-R2
Description  BQ40Z50-R2 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ40Z50-R2 Datasheet(HTML) 32 Page - Texas Instruments

Back Button BQ40Z50-R2 Datasheet HTML 28Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 29Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 30Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 31Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 32Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 33Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 34Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 35Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
must be designed to be as short and wide as possible. Ensure that the voltage ratings of both C1 and C2 are
adequate to hold off the applied voltage if one of the capacitors becomes shorted.
Figure 9-2. BQ40Z50-R2 Protection FETs
9.2.2.1.2 Chemical Fuse
The chemical fuse (Dexerials, Uchihashi, and so on) is ignited under command from either the bq294700
secondary voltage protection IC or from the FUSE pin of the gas gauge. Either of these events applies a positive
voltage to the gate of Q5, shown in Figure 9-3, which then sinks current from the third terminal of the fuse,
causing it to ignite and open permanently.
It is important to carefully review the fuse specifications and match the required ignition current to that available
from the N-channel FET. Ensure that the proper voltage, current, and Rds(on) ratings are used for this device.
The fuse control circuit is discussed in detail in Section 9.2.2.2.5.
4P
to 2
nd Level Protector
to FUSE Pin
Figure 9-3. FUSE Circuit
9.2.2.1.3 Li-Ion Cell Connections
For cell connections, it is important to remember that high current flows through the top and bottom connections;
therefore, the voltage sense leads at these points must be made with a Kelvin connection to avoid any errors
due to a drop in the high-current copper trace. The location marked 4P in Figure 9-4 indicates the Kelvin
connection of the most positive battery node. The connection marked 1N is equally important. The VC5 pin
(a ground reference for cell voltage measurement), which is in the older generation devices, is not in the
BQ40Z50-R2 device. Therefore, the single-point connection at 1N to the low-current ground is needed to avoid
an unwanted voltage drop through long traces while the gas gauge is measuring the bottom cell voltage.
BQ40Z50-R2
SLUSCS4C – JUNE 2017 – REVISED APRIL 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: BQ40Z50-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com