Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50-R2 Datasheet(PDF) 18 Page - Texas Instruments

Part # BQ40Z50-R2
Description  BQ40Z50-R2 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ40Z50-R2 Datasheet(HTML) 18 Page - Texas Instruments

Back Button BQ40Z50-R2 Datasheet HTML 14Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 15Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 16Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 17Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 18Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 19Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 20Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 21Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
7.31 OLD, SCC, SCD1, SCD2 Current Protection Thresholds (continued)
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
ΔVSCD2
SCD2 detection
threshold voltage
program step
VSCD2 = VSRP – VSRN, AFE PROTECTION
CONTROL[RSNS] = 1
–22.2
mV
VSCD2 = VSRP – VSRN, AFE PROTECTION
CONTROL[RSNS] = 0
–11.1
VOFFSET
OLD, SCC, and SCDx
offset error
Post-trim
–2.5
2.5
mV
VSCALE
OLD, SCC, and SCDx
scale error
No trim
–10%
10%
—
Post-trim
–5%
5%
7.32 Timing Requirements: OLD, SCC, SCD1, SCD2 Current Protection Timing
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
MIN
NOM
MAX UNIT
tOLD
OLD detection
delay time
1
31
ms
ΔtOLD
OLD detection
delay time
program step
2
ms
tSCC
SCC detection
delay time
0
915
µs
ΔtSCC
SCC detection
delay time
program step
61
µs
tSCD1
SCD1 detection
delay time
AFE PROTECTION CONTROL[SCDDx2] = 0
0
915
µs
AFE PROTECTION CONTROL[SCDDx2] = 1
0
1850
ΔtSCD1
SCD1 detection
delay time
program step
AFE PROTECTION CONTROL[SCDDx2] = 0
61
µs
AFE PROTECTION CONTROL[SCDDx2] = 1
121
tSCD2
SCD2 detection
delay time
AFE PROTECTION CONTROL[SCDDx2] = 0
0
458
µs
AFE PROTECTION CONTROL[SCDDx2] = 1
0
915
ΔtSCD2
SCD2 detection
delay time
program step
AFE PROTECTION CONTROL[SCDDx2] = 0
30.5
µs
AFE PROTECTION CONTROL[SCDDx2] = 1
61
tDETECT
Current fault
detect time
VSRP – VSRN = VT – 3 mV for OLD, SCD1, and SC2,
VSRP – VSRN = VT + 3 mV for SCC
160
µs
tACC
Current fault delay
time accuracy
Max delay setting
–10%
10%
7.33 Timing Requirements: SMBus
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
MIN
NOM
MAX
UNIT
fSMB
SMBus operating
frequency
SLAVE mode, SMBC 50% duty cycle
10
100
kHz
fMAS
SMBus master clock
frequency
MASTER mode, no clock low slave extend
51.2
kHz
tBUF
Bus free time between start
and stop
4.7
µs
BQ40Z50-R2
SLUSCS4C – JUNE 2017 – REVISED APRIL 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: BQ40Z50-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com