Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50-R2 Datasheet(PDF) 33 Page - Texas Instruments

Part # BQ40Z50-R2
Description  BQ40Z50-R2 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ40Z50-R2 Datasheet(HTML) 33 Page - Texas Instruments

Back Button BQ40Z50-R2 Datasheet HTML 29Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 30Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 31Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 32Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 33Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 34Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 35Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 36Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
Figure 9-4. Li-Ion Cell Connections
9.2.2.1.4 Sense Resistor
As with the cell connections, the quality of the Kelvin connections at the sense resistor is critical. The sense
resistor must have a temperature coefficient no greater than 50 ppm in order to minimize current measurement
drift with temperature. Choose the value of the sense resistor to correspond to the available overcurrent and
short-circuit ranges of the BQ40Z50-R2 device. Select the smallest value possible to minimize the negative
voltage generated on the BQ40Z50-R2 VSS node(s) during a short circuit. This pin has an absolute minimum
of –0.3 V. Parallel resistors can be used as long as good Kelvin sensing is ensured. The device is designed to
support a 1-mΩ to 3-mΩ sense resistor.
The BQ40Z50-R2 ground scheme is different from that of the older generation devices. In previous devices,
the device ground (or low current ground) is connected to the SRN side of the RSENSE resistor pad. In the
BQ40Z50-R2 device, however, it connects the low-current ground on the SRP side of the RSENSE resistor pad
close to the battery 1N terminal (see Section 9.2.2.1.3). This is because the BQ40Z50-R2 device has one less
VC pin (a ground reference pin VC5) compared to the previous devices. The pin was removed and was internally
combined to SRP.
Figure 9-5. Sense Resistor
9.2.2.1.5 ESD Mitigation
A pair of series 0.1-μF ceramic capacitors is placed across the PACK+ and PACK– terminals to help in the
mitigation of external electrostatic discharges. The two devices in series ensure continued operation of the pack
if one of the capacitors becomes shorted.
Optionally, a tranzorb such as the SMBJ2A can be placed across the terminals to further improve ESD immunity.
9.2.2.2 Gas Gauge Circuit
The gas gauge circuit includes the BQ40Z50-R2 and its peripheral components. These components are divided
into the following groups: differential low-pass filter, PBI, system present, SMBus communication, fuse circuit,
and LED.
9.2.2.2.1 Coulomb-Counting Interface
The BQ40Z50-R2 uses an integrating delta-sigma ADC for current measurements. Add a 100-Ω resistor from
the sense resistor to the SRP and SRN inputs of the device. Place a 0.1-µF (C18) filter capacitor across the SRP
and SRN inputs.
www.ti.com
BQ40Z50-R2
SLUSCS4C – JUNE 2017 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: BQ40Z50-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com