Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50-R2 Datasheet(PDF) 25 Page - Texas Instruments

Part # BQ40Z50-R2
Description  BQ40Z50-R2 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ40Z50-R2 Datasheet(HTML) 25 Page - Texas Instruments

Back Button BQ40Z50-R2 Datasheet HTML 21Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 22Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 23Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 24Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 25Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 26Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 27Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 28Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
8.3 Feature Description
8.3.1 Primary (1st Level) Safety Features
The BQ40Z50-R2 supports a wide range of battery and system protection features that can easily be configured.
See the BQ40Z50-R2 Technical Reference Manual (SLUUBK0) for detailed descriptions of each protection
function.
The primary safety features include:
• Cell Overvoltage Protection
• Cell Undervoltage Protection
• Cell Undervoltage Protection Compensated
• Overcurrent in Charge Protection
• Overcurrent in Discharge Protection
• Overload in Discharge Protection
• Short Circuit in Charge Protection
• Short Circuit in Discharge Protection
• Overtemperature in Charge Protection
• Overtemperature in Discharge Protection
• Undertemperature in Charge Protection
• Undertemperature in Discharge Protection
• Overtemperature FET protection
• Precharge Timeout Protection
• Host Watchdog Timeout Protection
• Fast Charge Timeout Protection
• Overcharge Protection
• Overcharging Voltage Protection
• Overcharging Current Protection
• Over Precharge Current Protection
8.3.2 Secondary (2nd Level) Safety Features
The secondary safety features of the BQ40Z50-R2 can be used to indicate more serious faults via the FUSE
pin. This pin can be used to blow an in-line fuse to permanently disable the battery pack from charging or
discharging. See the BQ40Z50-R2 Technical Reference Manual (SLUUBK0) for detailed descriptions of each
protection function.
The secondary safety features provide protection against:
• Safety Overvoltage Permanent Failure
• Safety Undervoltage Permanent Failure
• Safety Overtemperature Permanent Failure
• Safety FET Overtemperature Permanent Failure
• Qmax Imbalance Permanent Failure
• Impedance Imbalance Permanent Failure
• Capacity Degradation Permanent Failure
• Cell Balancing Permanent Failure
• Fuse Failure Permanent Failure
• PTC Permanent Failure
• Voltage Imbalance At Rest Permanent Failure
• Voltage Imbalance Active Permanent Failure
• Charge FET Permanent Failure
• Discharge FET Permanent Failure
• AFE Register Permanent Failure
• AFE Communication Permanent Failure
• Second Level Protector Permanent Failure
• Instruction Flash Checksum Permanent Failure
• Open Cell Connection Permanent Failure
www.ti.com
BQ40Z50-R2
SLUSCS4C – JUNE 2017 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: BQ40Z50-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com