Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50-R2 Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ40Z50-R2
Description  BQ40Z50-R2 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ40Z50-R2 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ40Z50-R2 Datasheet HTML 7Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 8Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 9Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 10Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 11Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 12Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 13Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 14Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
7.9 Current Wake Comparator (continued)
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
tWAKE(SU)
Wake comparator
startup time
500
1000
µs
7.10 VC1, VC2, VC3, VC4, BAT, PACK
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
K
Scaling factor
VC1–VSS, VC2–VC1, VC3–VC2, VC4–VC3
0.1980
0.2000
0.2020
—
BAT–VSS, PACK–VSS
0.049
0.050
0.051
VREF2
0.490
0.500
0.510
VIN
Input voltage range
VC1–VSS, VC2–VC1, VC3–VC2, VC4–VC3
–0.2
5
V
BAT–VSS, PACK–VSS
–0.2
20
ILKG
Input leakage current
VC1, VC2, VC3, VC4, cell balancing off, cell detach
detection off, ADC multiplexer off
1
µA
RCB
Internal cell balance
resistance
RDS(ON) for internal FET switch at 2 V < VDS < 4 V
200
Ω
ICD
Internal cell detach
check current
VCx > VSS + 0.8 V
30
50
70
µA
7.11 SMBD, SMBC
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
Input voltage high
SMBC, SMBD, VREG = 1.8 V
1.3
V
VIL
Input voltage low
SMBC, SMBD, VREG = 1.8 V
0.8
V
VOL
Output low voltage
SMBC, SMBD, VREG = 1.8 V, IOL = 1.5 mA
0.4
V
CIN
Input capacitance
5
pF
ILKG
Input leakage current
1
µA
RPD
Pulldown resistance
0.7
1.0
1.3
MΩ
7.12 PRES, BTP_INT, DISP
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
VIH
High-level input
1.3
V
VIL
Low-level input
0.55
V
VOH
Output voltage high
VBAT > 5.5 V, IOH = –0 µA
3.5
V
VBAT > 5.5 V, IOH = –10 µA
1.8
VOL
Output voltage low
IOL = 1.5 mA
0.4
V
CIN
Input capacitance
5
pF
ILKG
Input leakage current
1
µA
RO
Output reverse
resistance
Between PRES or BTP_INT or DISP and PBI
8
kΩ
www.ti.com
BQ40Z50-R2
SLUSCS4C – JUNE 2017 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: BQ40Z50-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com