Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA7360 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA7360
Description  20 W bridge/stereo audio amplifier with clipping detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA7360 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA7360 Datasheet HTML 5Page - STMicroelectronics STA7360 Datasheet HTML 6Page - STMicroelectronics STA7360 Datasheet HTML 7Page - STMicroelectronics STA7360 Datasheet HTML 8Page - STMicroelectronics STA7360 Datasheet HTML 9Page - STMicroelectronics STA7360 Datasheet HTML 10Page - STMicroelectronics STA7360 Datasheet HTML 11Page - STMicroelectronics STA7360 Datasheet HTML 12Page - STMicroelectronics STA7360 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
STA7360
Electrical specifications
Doc ID 9814 Rev 4
9/28
2.3
Electrical characteristics
Refer to the test circuits, Tamb = 25 °C, VS = 14.4 V, f = 1 kHz, unless otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VS
Supply voltage range
8
18
V
Id
Total quiescent drain current
stereo configuration
65
120
mA
ASB
Standby attenuation
60
80
dB
ISB
Standby current
100
µA
Vst_on
Standby on threshold
1
V
Vst_off
Standby off threshold
3.5
V
ICO
Clip detector prog. current
pin 2 pull-up to 5 V d = 1%
with 10 k
Ω
d = 5 %
70
130
µA
µA
Stereo
PO
Output power (each channel)
THD = 10%
RL = 2 Ω
RL = 3.2 Ω
RL = 4 Ω, 12 V
RL = 4 Ω
7
11
8
4.5
6.5
W
W
W
W
d
Distortion
PO = 0.1 to 2.5 W; RL = 4 Ω
PO = 0.1 to 4 W; RL = 3.2 Ω
0.05
0.05
0.5
0.5
%
%
SVR
Supply voltage rejection
Rg = 10 kΩ
C3 = 22 µF
f = 100 Hz
C3 = 100 µF
45
62
dB
dB
CT
Crosstalk
f = 1 kHz
f = 10 kHz
45
55
dB
dB
RI
Input resistance
50
k
Ω
GV
Voltage gain
19
20
21
dB
GV
Voltage gain match
1
dB
EIN
Input noise voltage
22 Hz to 22 kHz
Rg = 50 Ω
Rg = 10 kΩ
Rg = ∞
2.5
3
3.5
5
7
µV
µV
µV
Bridge
VOS
Output offset voltage
250
mV
PO
Output power THD = 10%
RL = 4 Ω, 12 V
RL = 4 Ω, 14.4 V
16
15
20
W
W
d
Distortion
PO = 0.1 to 7 W; RL = 4 Ω
0.05
0.5
%
SVR
Supply voltage rejection
Rg = 10 kΩ
C3 = 22 µF
f = 100 Hz
C3 = 100 µF
45
62
dB
dB
RI
Input resistance
50
k
Ω
GV
Voltage gain
26
dB
EIN
Input noise voltage
22 Hz to 22 kHz
Rg = 50 Ω
Rg = 10 kΩ
3.5
4
µV
µV
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com