Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA7360 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STA7360
Description  20 W bridge/stereo audio amplifier with clipping detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA7360 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STA7360 Datasheet HTML 6Page - STMicroelectronics STA7360 Datasheet HTML 7Page - STMicroelectronics STA7360 Datasheet HTML 8Page - STMicroelectronics STA7360 Datasheet HTML 9Page - STMicroelectronics STA7360 Datasheet HTML 10Page - STMicroelectronics STA7360 Datasheet HTML 11Page - STMicroelectronics STA7360 Datasheet HTML 12Page - STMicroelectronics STA7360 Datasheet HTML 13Page - STMicroelectronics STA7360 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Electrical specifications
STA7360
10/28
Doc ID 9814 Rev 4
2.4
Test and application circuits
Figure 5.
Stereo test and application circuit
Figure 6.
Board and layout of the stereo test and application circuit (1:1 scale)
C4
1
µF
220
µF
C5
100nF
C6
+VS
9
11
7
STAND-BY
SVR
100
µF C3
5
IN2(+)
0.22
µF C2
1
IN1(+)
0.22
µF C1
IN
8
10
OUT2
OUT1
4
OUT
BRIDGE
6
3
P-GND
S-GND
D00AU1214
RL
RL
1000
µF C7
1000
µF C8
2
CLIP DET
20K
Table 5.
Recommended values of the external components (stereo test and application
circuit)
Comp.
Recommended
value
Purpose
Larger than the recommended
value
Smaller than the
recommended value
C1
0.22 µF
Input decoupling
(CH1)
--
C2
0.22 µF
Input decoupling
(CH2)
--
C3
100 µF
Supply voltage
rejection filtering
capacitor
Longer turn-on delay
-Worse supply voltage rejection
-Shorter turn-on delay
-Danger of noise (pop)
C4
1 µF
Standby ON/OFF
delay
Delayed turn-off with standby
switch
Danger of noise (pop)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com